Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2158 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2158 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 30Page - NXP Semiconductors LPC2158 Datasheet HTML 31Page - NXP Semiconductors LPC2158 Datasheet HTML 32Page - NXP Semiconductors LPC2158 Datasheet HTML 33Page - NXP Semiconductors LPC2158 Datasheet HTML 34Page - NXP Semiconductors LPC2158 Datasheet HTML 35Page - NXP Semiconductors LPC2158 Datasheet HTML 36Page - NXP Semiconductors LPC2158 Datasheet HTML 37Page - NXP Semiconductors LPC2158 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
34 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Core and external rail.
[3]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[4]
Including voltage on outputs in 3-state mode.
[5]
VDD supply voltages must be present.
[6]
3-state outputs go into 3-state mode when VDD is grounded.
[7]
Please also see the errata note mentioned in errata sheet.
[8]
Accounts for 100 mV voltage drop in all supply lines.
[9]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[10] Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[11] Applies to P1[16] to P1[31].
[12] On pin VBAT.
[13] Optimized for low battery consumption.
[14] To VSS.
[15] Includes external resistors of 18
Ω±1 % on D+ and D−.
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Vi(RTCX1)
input voltage on pin
RTCX1
0
-
1.8
V
Vo(RTCX2)
output voltage on pin
RTCX2
0
-
1.8
V
USB pins
IOZ
OFF-state output
current
0V<VI < 3.3 V
-
-
±10
µA
VBUS
bus supply voltage
-
-
5.25
V
VDI
differential input
sensitivity voltage
|(D+)
− (D−)|
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage
RL of 1.5 kΩ to 3.6 V
-
-
0.3
V
VOH
HIGH-level output
voltage
RL of 15 kΩ to GND
2.8
-
3.6
V
Ctrans
transceiver capacitance
pin to GND
-
-
20
pF
ZDRV
driver output impedance
for driver which is not
high-speed capable
steady state drive
[15] 29
-
44
Ω
Rpu
pull-up resistance
SoftConnect = ON
1.1
-
1.9
k
Ω
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com