Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 3Page - Texas Instruments TMS320DM6441 Datasheet HTML 4Page - Texas Instruments TMS320DM6441 Datasheet HTML 5Page - Texas Instruments TMS320DM6441 Datasheet HTML 6Page - Texas Instruments TMS320DM6441 Datasheet HTML 7Page - Texas Instruments TMS320DM6441 Datasheet HTML 8Page - Texas Instruments TMS320DM6441 Datasheet HTML 9Page - Texas Instruments TMS320DM6441 Datasheet HTML 10Page - Texas Instruments TMS320DM6441 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 232 page
background image
2
Revision History
TMS320DM6441
Digital Media System-on-Chip
www.ti.com
SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008
This data manual revision history highlights the technical changes made to the SPRS359C device-specific
data manual to make it an SPRS359D revision.
Scope: Applicable updates to the DM644x device family, specifically relating to the TMS320DM6441
device, have been incorporated.
• Updated the C64x+ Megamodule Revision, JTAG BSDL_ID, and JTAG ID Register to include Silicon
Revision 2.1
Table 2-1. TMS320DM6441 Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
•
Updated/changed all C_WE instances from C_WE or CWEN or C_WEN" to "C_WE or CWE or C_WE";
C_WE is an active high signal
Section 3.8.2
Figure 3-6, Device Nomenclature:
Device and
•
Updated/changed the figure to include Silicon Revision 2.1
Development-Support
Tool Nomenclature
Section 4.2.1
Table 4-2, CHP_SHRTSW Register Field Descriptions:
Power Configurations at
•
Updated/changed the DSPPWRON bit description for "0" and "1"
Reset
Section 7.10.1.2
Table 7-35, Switching Characteristics Over Recommended Operating Conditions for Asynchronous Memory
EMIFA Eelctrical
Cycles for EMIFA Module:
Data/Timing
Updated/changed the following parameter information:
•
Parameter NO. 4 tsu(EMCSL-EMOEL), Output setup time, EM_CS[5:2] low to EM_OE low (SS = 0) MAX value
from "(RS + 1) * E + 1.2" to "(RS + 1) * E + 1.4" ns
•
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 0) MIN value
from "(RH + 1) * E - 1.3" to "(RH + 1) * E - 2.1" ns
•
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 1) MIN value
from "-1.4" to "-2.2" ns
•
Parameter NO. 7 th(EMOEH-EMBAIV), Output hold time, EM_OE high to EM_BA[1:0] invalid MIN value from
"(RH + 1) * E - 2.1" to "(RH + 1) * E - 2.3" ns
•
Parameter NO. 9 th(EMOEH-EMAIV), Output hold time, EM_OE high to EM_A[21:0] invalid MIN value from "(RH
+ 1) * E - 2.4" to "(RH + 1) * E - 2.6" ns
•
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 0) MIN value
from "(WH + 1) * E - 1.4" to "(WH + 1) * E - 2.1" ns
•
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 1) MIN value
from "-1.4" to "-2.1" ns
•
Parameter NO. 21 th(EMWEH-EMBAIV), Output hold time, EM_WE high to EM_BA[1:0] invalid MIN value from
"(WH + 1) * E - 2.2" to "(WH + 1) * E - 2.3" ns
•
Parameter NO. 23 th(EMWEH-EMAIV), Output hold time, EM_WE high to EM_A[21:0] invalid MIN value from
"(WH + 1) * E - 2.5" to "(WH + 1) * E - 2.6" ns
Section 7.11.2.3
Table 7-41, Timings for ATA/CF Module — Ultra DMA AC Timing:
ATA/CF Ultra DMA
•
Updated/changed the MIN value of NO. 6, tDVS, Data valid OUTPUT setup time, data valid before STROBE
Timing
from "(UDMASTB)P - 3.3" to "(UDMASTB)P - 3.5" ns
Section 7.11.2.4
Table 7-42, Timing Requirements for HDDIR:
ATA/CF HDDIR Timing
•
Added a new MAX value of "2.1" ns to NO. 1 tc ,Cycle time, ATA_CS[1:0] to HDDIR low
Section 7.13
Section 7.13, Video Processing Sub-System (VPSS) Overview:
Video Processing
•
Added "Alternatively, if the VPBE input clock ..." sentence to the "To ensure the color sub-carrier frequency
Sub-System (VPSS)
..." paragraph
Overview
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com