Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2927 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2927
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2927 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2927 Datasheet HTML 4Page - NXP Semiconductors LPC2927 Datasheet HTML 5Page - NXP Semiconductors LPC2927 Datasheet HTML 6Page - NXP Semiconductors LPC2927 Datasheet HTML 7Page - NXP Semiconductors LPC2927 Datasheet HTML 8Page - NXP Semiconductors LPC2927 Datasheet HTML 9Page - NXP Semiconductors LPC2927 Datasheet HTML 10Page - NXP Semiconductors LPC2927 Datasheet HTML 11Page - NXP Semiconductors LPC2927 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
LPC2927_29_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2010
8 of 95
NXP Semiconductors
LPC2927/2929
ARM9 microcontroller with CAN, LIN, and USB
VSS(CORE)
59
ground for digital core
VDD(CORE)
60
1.8 V power supply for digital core
P3[13]/SDO1/
EI5/IDX0
61[1]
GPIO3, pin 13
SPI1 SDO
EXTINT5
QEI0 IDX
P2[4]/MAT1[0]/
EI0/D12
62[1]
GPIO2, pin 4
TIMER1 MAT0
EXTINT0
EXTBUS D12
P2[5]/MAT1[1]/
EI1/D13
63[1]
GPIO2, pin 5
TIMER1 MAT1
EXTINT1
EXTBUS D13
P1[9]/SDO1/
RXDL1/CS1
64[1]
GPIO1, pin 9
SPI1 SDO
LIN1 RXD/UART RXD
EXTBUS CS1
VSS(IO)
65
ground for I/O
P1[8]/SCS1[0]/
TXDL1/CS0
66[1]
GPIO1, pin 8
SPI1 SCS0
LIN1 TXD/UART TXD
EXTBUS CS0
P1[7]/SCS1[3]/RXD1/
A7
67[1]
GPIO1, pin 7
SPI1 SCS3
UART1 RXD
EXTBUS A7
P1[6]/SCS1[2]/
TXD1/A6
68[1]
GPIO1, pin 6
SPI1 SCS2
UART1 TXD
EXTBUS A6
P2[6]/MAT1[2]/
EI2/D14
69[1]
GPIO2, pin 6
TIMER1 MAT2
EXTINT2
EXTBUS D14
P1[5]/SCS1[1]/PMAT
3[5]/A5
70[1]
GPIO1, pin 5
SPI1 SCS1
PWM3 MAT5
EXTBUS A5
P1[4]/SCS2[2]/PMAT
3[4]/A4
71[1]
GPIO1, pin 4
SPI2 SCS2
PWM3 MAT4
EXTBUS A4
TRST
72[1]
IEEE 1149.1 test reset NOT; active LOW; pulled up internally
RST
73[1]
asynchronous device reset; active LOW; pulled up internally
VSS(OSC)
74
ground for oscillator
XOUT_OSC
75[3]
crystal out for oscillator
XIN_OSC
76[3]
crystal in for oscillator
VDD(OSC_PLL)
77
1.8 V supply for oscillator and PLL
VSS(PLL)
78
ground for PLL
P2[7]/MAT1[3]/
EI3/D15
79[1]
GPIO2, pin 7
TIMER1 MAT3
EXTINT3
EXTBUS D15
P3[14]/SDI1/
EI6/TXDC0
80[1]
GPIO3, pin 14
SPI1 SDI
EXTINT6
CAN0 TXD
P3[15]/SCK1/
EI7/RXDC0
81[1]
GPIO3, pin 15
SPI1 SCK
EXTINT7
CAN0 RXD
VDD(IO)
82
3.3 V power supply for I/O
P2[8]/CLK_OUT/
PMAT0[0]/SCS0[2]
83[1]
GPIO2, pin 8
CLK_OUT
PWM0 MAT0
SPI0 SCS2
P2[9]/
USB_UP_LED/
PMAT0[1]/
SCS0[1]
84[1]
GPIO2, pin 9
USB_UP_LED
PWM0 MAT1
SPI0 SCS1
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com