Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF507 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 11Page - Micrel Semiconductor MICRF507 Datasheet HTML 12Page - Micrel Semiconductor MICRF507 Datasheet HTML 13Page - Micrel Semiconductor MICRF507 Datasheet HTML 14Page - Micrel Semiconductor MICRF507 Datasheet HTML 15Page - Micrel Semiconductor MICRF507 Datasheet HTML 16Page - Micrel Semiconductor MICRF507 Datasheet HTML 17Page - Micrel Semiconductor MICRF507 Datasheet HTML 18Page - Micrel Semiconductor MICRF507 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
15
M9999-032210-B
Clock Generation
The MICRF507’s crystal oscillator:
•
Serves as the reference for the synthesizer that is
the carrier and local oscillator source.
•
Is divided down to clock the switched-capacitor IF
filter.
•
Is divided down to generate three other clocks: bit
rate
clock,
bit
synchronization
clock,
and
modulator clock
Figure 6 shows the oscillator with its frequency-shifting
capacitor bank (controlled by the register field XCOtune)
and the frequency dividers that derive the latter three
clocks from its output. This division occurs in two stages.
First, the XCO output is divided by the 6-bit field Refclk_K,
which has allowable values between 1 and 63. Then, for
each of the three clocks, another field (BitSync_clkS,
BitRate_ClkS, and ModClkS, respectively) selects the
number of further divisions by 2. Complete relationships of
field values and resultant frequencies are given below for
each clock.
Field Name
Number
of bits
Location
of bits
Description
XCOtune
5
Reg9[4:0]
Crystal oscillator trimming.
RefClk_K
6
Reg7[5:0]
Reference clock divider.
BitRate_clkS
3
Reg6[0],
Reg7[7:6]
Transmitter Bit rate clock setting. See Figure 9 and “Data
Interface and Bit Synchronization” section for more details.
Mod_clkS
3
Reg6[6:4]
VCO Modulator clock setting, set the modulator clock to
either 8x or 16x the bit rate clock.
BitSync_clkS
3
Reg6[3:1]
Receiver Bit Synchronization clock setting, always set bit
synchronization clock to 16x the bit rate clock. See Figure 9
and “Data Interface and Bit Synchronization” section for more
details.
Table 3. Register Bit Fields for Clock Generation
Figure 6. MICRF507 Clock Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com