Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors MFRC522 Datasheet HTML 48Page - NXP Semiconductors MFRC522 Datasheet HTML 49Page - NXP Semiconductors MFRC522 Datasheet HTML 50Page - NXP Semiconductors MFRC522 Datasheet HTML 51Page - NXP Semiconductors MFRC522 Datasheet HTML 52Page - NXP Semiconductors MFRC522 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
49 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.2.6
TxASKReg register
Controls transmit modulation settings.
9.3.2.7
TxSelReg register
Selects the internal sources for the analog module.
Table 63.
TxASKReg register (address 15h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved Force100ASK
reserved
Access
-
R/W
-
Table 64.
TxASKReg register bit descriptions
Bit
Symbol
Value Description
7
reserved
-
reserved for future use
6
Force100ASK 1
forces a 100 % ASK modulation independent of the ModGsPReg
register setting
5 to 0 reserved
-
reserved for future use
Table 65.
TxSelReg register (address 16h); reset value: 10h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol:
reserved
DriverSel[1:0]
MFOutSel[3:0]
Access:
-
R/W
R/W
Table 66.
TxSelReg register bit descriptions
Bit
Symbol
Value
Description
7 to 6
reserved
-
reserved for future use
5 to 4
DriverSel
[1:0]
-
selects the input of drivers TX1 and TX2
00
3-state; in soft power-down the drivers are only in 3-state
mode if the DriverSel[1:0] value is set to 3-state mode
01
modulation signal (envelope) from the internal encoder, Miller
pulse encoded
10
modulation signal (envelope) from pin MFIN
11
HIGH; the HIGH level depends on the setting of bits
InvTx1RFOn/InvTx1RFOff and InvTx2RFOn/InvTx2RFOff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com