Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708 Datasheet(PDF) 24 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation XRP7708 Datasheet HTML 27Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
24/27
Rev. 1.0.3
2
∆
Here,
out
os
V
V
V
−
=
Δ
is the overshoot voltage deviation.
Select ESR such that output voltage ripple (Vrip) specification is met. There are two components in
Vrip. First component arises from the charge transferred to and from Cout during each cycle. The
second component of Vrip is due to the inductor ripple current flowing through the output
capacitor’s ESR. It can be calculated for Vrip:
1
8
Where:
Irip is the inductor ripple current
fs is the switching frequency
Cout is the output capacitance
Note that a smaller inductor results in a higher Irip, therefore requiring a larger Cout and/or lower
ESR in order to meet Vrip.
•
Input Capacitor Selection
Select the input capacitor for Voltage, Capacitance, ripple current, ESR and ESL. Voltage rating is
nominally selected to be at least twice the input voltage. The RMS value of input capacitor current,
assuming a low inductor ripple current, can be approximated as:
1
Where:
Iin is the RMS input current
Iout is the DC output current
D is the duty cycle
In general, the total input voltage ripple should be kept below 1.5% of VIN. The input voltage
ripple also has two major components: the voltage drop on the main capacitor
Cin
V
Δ
and the
voltage drop due to ESR -
ESR
V
Δ
. The contribution to Input voltage ripple by each term can be
calculated from:
2
)
(
in
in
s
out
in
out
out
Cin
V
C
f
V
V
V
I
V
−
=
Δ
)
5
.
0
(
rip
out
ESR
I
I
ESR
V
+
⋅
=
Δ
Total input voltage ripple is the sum of the above:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com