Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43USB355
Description  Full speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43USB355 Datasheet HTML 1Page - ATMEL Corporation AT43USB355 Datasheet HTML 2Page - ATMEL Corporation AT43USB355 Datasheet HTML 3Page - ATMEL Corporation AT43USB355 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT43USB355
2603BS–USB–01/02
Overview
The Atmel AT43USB355 is a full speed USB AVR-based microcontroller with a USB 1.1 com-
pliant embedded hub especially suitable for use in game controllers. The USB hub has 3
downstream ports, one of which is permanently attached to the USB function. The USB func-
tion controller has its own device address and endpoints. In game controller applications, the
two external downstream USB ports can be used to connect other devices such as head-
phones sets for voice commands of games, Flash memory modules, or any other USB device.
The A-to-D converters have a minimum conversion time of 12 µs that together with the 12-
input channel should cover even the most demanding game controllers such as gamepads,
joysticks and racing wheels. The two PWM outputs can be programmed for 8-, 9- or 10-bit res-
olution for applications requiring force feedback. The 27 general-purpose programmable I/O
pins provide generous inputs for the various buttons and switches and LED indicators that are
being used in increasing numbers in today’s game controllers.
The USB hardware block consists of a USB transceiver, SIE, hub repeater, endpoint control-
lers, and an interface to the microcontroller. The USB hardware of the AT43USB355 supports
the physical and link layers of the USB protocol while the transaction layer and hub controller
functions must be implemented in the microcontroller’s firmware. If the application does not
require a hub, it can be disabled. The AVR architecture was developed to be programmed in C
efficiently and without loss in performance.
There are two versions of the chip. The AT43USB355E has a SRAM program memory that is
automatically loaded from an external serial Flash/EEPROM during power on reset. The
AT43USB355M stores its firmware in a masked ROM. The two versions are pin and function
compatible.
Development
Support
The AT43USB355 uses the same program and development tools as the Atmel AVR micro-
controllers including: C compilers, macro assemblers, program debuggers/simulators, in-
circuit emulators. A development kit is also available including firmware source code for the
most common USB applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com