Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563H Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 30Page - STMicroelectronics L6563H Datasheet HTML 31Page - STMicroelectronics L6563H Datasheet HTML 32Page - STMicroelectronics L6563H Datasheet HTML 33Page - STMicroelectronics L6563H Datasheet HTML 34Page - STMicroelectronics L6563H Datasheet HTML 35Page - STMicroelectronics L6563H Datasheet HTML 36Page - STMicroelectronics L6563H Datasheet HTML 37Page - STMicroelectronics L6563H Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Application information
L6563H
34/48
Doc ID 16047 Rev 2
Figure 49.
Interface circuits for actual power-up sequencing (master PFC)
Another possible use of the RUN and PWM_STOP pins (again, in systems where the PFC
stage is the master) is the brownout protection, thanks to the hysteresis provided.
The brownout protection is basically a not-latched device shutdown function that is activated
when a condition of mains undervoltage is detected. This condition may cause overheating
of the primary power section due to an excess of RMS current. Brownout can also cause the
PFC pre-regulator to work open loop and this could be dangerous to the PFC stage itself
and the downstream converter, should the input voltage return abruptly to its rated value.
Another problem is the spurious restarts that may occur during converter power down and
that cause the output voltage of the converter not to decay to zero monotonically. For these
reasons it is usually preferable to shutdown the unit in case of brownout.
IC shutdown upon brownout can be easily realized as shown in Figure 50. The scheme on
the left is of general use, that one on the right can be used if the bias levels of the multiplier
and the RFF·CFF time constant are compatible with the specified brownout level and with the
specified holdup time respectively. In this latest case, an additional resistor voltage divider
and one capacitor are not needed.
In table 1 it is possible to find a summary of all of the above mentioned working conditions
that cause the device to stop operating.
Figure 50.
Brownout protection (master PFC)
 
RUN
RUN
L6563H
L6563H
12
12
RUN
RUN
L6563H
L6563H
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com