Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6563STR
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563STR Datasheet(HTML) 1 Page - STMicroelectronics

  L6563STR Datasheet HTML 1Page - STMicroelectronics L6563STR Datasheet HTML 2Page - STMicroelectronics L6563STR Datasheet HTML 3Page - STMicroelectronics L6563STR Datasheet HTML 4Page - STMicroelectronics L6563STR Datasheet HTML 5Page - STMicroelectronics L6563STR Datasheet HTML 6Page - STMicroelectronics L6563STR Datasheet HTML 7Page - STMicroelectronics L6563STR Datasheet HTML 8Page - STMicroelectronics L6563STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
January 2010
Doc ID 16116 Rev 3
1/42
42
L6563S
Enhanced transition-mode PFC controller
Features
Tracking boost function
Fast “bidirectional” input voltage feedforward
(1/V2 correction)
Interface for cascaded converter's PWM
controller
Remote ON/OFF control
Accurate adjustable output overvoltage
protection
Protection against feedback loop
disconnection (latched shutdown)
Inductor saturation protection
Low (≤ 100 µA) start-up current
6 mA max. operating bias current
1% (@ TJ = 25 °C) internal reference voltage
-600/+800 mA totem pole gate driver with
active pull-down during UVLO
SO14 package
Applications
PFC pre-regulators for:
High-end AC-DC adapter/charger
Desktop PC, server, Web server
IEC61000-3-2 or JEITA-MITI compliant SMPS,
in excess of 400 W
Figure 1.
Block diagram
SO14
www.st.com


Similar Part No. - L6563STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563 Datasheet
765Kb / 37P
ADVANCED TRANSITION-MODE PFC CONTROLLER
11-Nov-2006
L6563 STMICROELECTRONICS-L6563 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6563A STMICROELECTRONICS-L6563A Datasheet
765Kb / 37P
ADVANCED TRANSITION-MODE PFC CONTROLLER
11-Nov-2006
L6563A STMICROELECTRONICS-L6563A Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6563ATR STMICROELECTRONICS-L6563ATR Datasheet
765Kb / 37P
ADVANCED TRANSITION-MODE PFC CONTROLLER
11-Nov-2006
More results

Similar Description - L6563STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com