Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6564 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 11Page - STMicroelectronics L6564 Datasheet HTML 12Page - STMicroelectronics L6564 Datasheet HTML 13Page - STMicroelectronics L6564 Datasheet HTML 14Page - STMicroelectronics L6564 Datasheet HTML 15Page - STMicroelectronics L6564 Datasheet HTML 16Page - STMicroelectronics L6564 Datasheet HTML 17Page - STMicroelectronics L6564 Datasheet HTML 18Page - STMicroelectronics L6564 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L6564
Typical electrical performance
Doc ID 16202 Rev 1
15/34
Figure 15.
TBO clamp vs TJ
Figure 16.
VVFF - VTBO dropout vs TJ
 
2.5
2.75
3
3.25
3.5
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25025
5075
100
125
150
175
Tj (C)
Figure 17.
IINV - ITBO current mismatch vs TJ
Figure 18.
IINV - ITBO mismatch vs ITBO current
 
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
ITBO = 25uA
ITBO = 200uA
 
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
0
100
200
300
400
500
600
I(TBO)
VCC= 12V
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com