Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3156FVG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3156FVG-7
Description  HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3156FVG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3156FVG-7 Datasheet HTML 1Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 2Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 3Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 4Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 5Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 6Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 7Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 8Page - Diodes Incorporated AP3156FVG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP3156
HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP
FOR WHITE LED APPLICATIONS
AP3156 Rev. 1
3 of 15
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin
Number
Description
D6
1
Current Sink Input #6.
Connected to VOUT when un-used.
SDI
2
Serial Digital Interface Control Pin
NC
3
No Connection
VOUT
4
Charge pump output to drive load circuit. Requires 1µF capacitor connected between
this pin and ground
C2P
5
Positive Terminal of Flying Capacitor 2. Connects a 1µF capacitor between C2P and
C2N.
C1P
6
Positive terminal of Flying Capacitor 1. Connects a 1µF capacitor between C1P and
C1N.
C1N
7
Negative Terminal of Flying Capacitor 1
C2N
8
Negative Terminal of Flying Capacitor 2
GND
9, 11
Ground.
VIN
10
Input Power Supply. Requires 1µF capacitor between this pin and ground.
D1
12
Current sink input #1.
Connected to VOUT when un-used.
D2
13
Current sink input #2.
Connected to VOUT when un-used.
D3
14
Current sink input #3.
Connected to VOUT when un-used.
D4
15
Current sink input #4.
Connected to VOUT when un-used.
D5
16
Current sink input #5.
Connected to VOUT when un-used.
GND
EP PAD
Exposed Pad (bottom).
Connected to GND directly underneath the package.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com