Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPY430AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPY430AL
Description  MEMS motion sensor: dual-axis pitch and yaw ±300 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY430AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPY430AL Datasheet HTML 6Page - STMicroelectronics LPY430AL Datasheet HTML 7Page - STMicroelectronics LPY430AL Datasheet HTML 8Page - STMicroelectronics LPY430AL Datasheet HTML 9Page - STMicroelectronics LPY430AL Datasheet HTML 10Page - STMicroelectronics LPY430AL Datasheet HTML 11Page - STMicroelectronics LPY430AL Datasheet HTML 12Page - STMicroelectronics LPY430AL Datasheet HTML 13Page - STMicroelectronics LPY430AL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application hints
LPY430AL
10/14
Doc ID 16579 Rev 1
5
Application hints
Figure 3.
LPY430AL electrical connections and external components values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice).
The LPY430AL allows band limiting of the output rate response through the use of an
external low-pass filter (recommended) in addition to the embedded low-pass filter (ft = 140
Hz).
The 4xOUTX and 4xOUTZ are, respectively, OUTX and OUTZ amplified output lines,
internally buffered to ensure low output impedance.
If external low-pass filtering is not applied, it is mandatory to short-circuit pin 1 to pin 5 and
pin 16 to pin 20, respectively, when amplified outputs are used.
When only a non-amplified output is used (OUTX/OUTZ), it is recommended to set pin 5
and 16 to a fixed reference voltage (Vref).
The LPY430AL IC includes a PLL (phase-locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at the FILTVDD and VCONT
pins (as shown in
Figure 3) to implement a low-pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com