Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPY550AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPY550AL
Description  MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY550AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPY550AL Datasheet HTML 4Page - STMicroelectronics LPY550AL Datasheet HTML 5Page - STMicroelectronics LPY550AL Datasheet HTML 6Page - STMicroelectronics LPY550AL Datasheet HTML 7Page - STMicroelectronics LPY550AL Datasheet HTML 8Page - STMicroelectronics LPY550AL Datasheet HTML 9Page - STMicroelectronics LPY550AL Datasheet HTML 10Page - STMicroelectronics LPY550AL Datasheet HTML 11Page - STMicroelectronics LPY550AL Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
LPY550AL
10/12
Doc ID 15808 Rev 2
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Figure 5.
LGA-16: mechanical data and package dimensions
A1
1.46
1.5
1.6
0.057
0.059
0.063
A2
1.33
0.052
A3
0.16
0.2
0.24
0.006
0.008
0.009
C0.3
0.012
D1
4.85
5
5.15
0.191
0.197
0.203
E1
4.85
5
5.15
0.191
0.197
0.203
L0.8
0.031
L1
3.2
0.126
M
1.6
0.062
M1
2.15
2.175
2.20
0.0850.0860.087
M2
1.625
0.064
N
2.175
0.086
N1
2.4
0.094
T1
0.8
0.031
T2
0.475
0.5
0.525
0.019
0.020
0.021
R
1.2
1.6
0.047
0.063
S
0.1
0.004
h
0.15
0.006
k
0.05
0.002
j
0.1
0.004
LGA-16 (5x5x1.5mm)
Land Grid Array Package
7887555A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com