Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1668 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AN1668
Description  Washing Appliance Sensor Selection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1668 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AN1668 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN1668 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1668 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1668 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1668 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1668 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN1668
Sensors
2
Freescale Semiconductor
The sensor system errors is made up of the sensor errors,
amplifier errors and A/D errors. In other words,
Table 2 shows the MPX2010 with the errors converted to
%VFSS. The expected maximum root mean squared error of
the sensor is
= ± 7.19% FS.
With auto-zeroing, the offset calibration, temperature effect
on offset and offset stability is reduced or eliminated,
= +/- 4.42% FS.
The sensor error is calculated using the full-scale pressure
range of the device, 0 to 85°C temperature and 10 V
excitation.
In comparison with the MPXV4006G solution, the expected
accuracy of the system (MPXV4006G + 8 bit A/D) with
auto-zero is 3.1% FS.
Table 1. MPX2010 Specifications
Characteristic
Min
Typ
Max
Unit
Pressure Range
010
kPa
Supply Voltage
10
16
Vdc
Supply Current
6mA
Full Scale Span
24
25
26
mV
Offset
*11
mV
Sensitivity
25
mV/kPa
Linearity
*11
%VFSS
Pressure Hysterisis
0.1
%VFSS
Temperature Hysterisis (*40 to 125°C)
0.5
%VFSS
Temperature Effect on Span
*11
%VFSS
Temperature Effect Offset (0 to 85°C)
*11
mV
Input Impedance
1300
2550
W
Output Impedance
1400
3000
W
Response Time (10% to 90%)
1
ms
Warm-Up
20
ms
εSystem
εSensor2 εAmplifier2 εADResolution2
+
+
1
()
=
εSensor
SpanCal2 Lin2 Phys
2
Thys
2
TCS
2
OffCal
2
Tco2 OffStab2
+
++
+
+
+
+
2
()
=
εSensor
SpanCal2 Lin2 Phys2 Thys2 TCS2
+
+
+
+
3
()
=
Table 2. MPX2010 Span, Offset and Calculated Maximum RMS Error*
Span Errors (converted to %VFSS)
Symbol
Error Value
Note
Unit
Span Calibration
SpanCal
4
%VFSS
Linearity
Lin
1
%VFSS
Pressure Hysterisis
Phys
0.1
%VFSS
Temperature Hysterisis
Thys
0.5
%VFSS
Temperature Effect on Span
Tcs
1.5
%VFSS
Offset Errors (converted to %VFSS)
Offset Calibration
OffCal
4
%VFSS
Temperature Effect on Offset
Tco
4
%VFSS
Offset Stability
OffStab
0.5
%VFSS
Calculated Maximum RMS Errors
RMS Error
No Compensation*
7.19
%FS
With auto-zero
4.42
%FS
* This assumes the power supply is constant.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com