Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2010GS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXM2010GS
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010GS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXM2010GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010GS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AN1950
Sensors
4
Freescale Semiconductor
OTHER
This system is designed to run on a 9.0 V battery. It
contains a 5.0 V regulator to provide 5.0 V to the pressure
sensor, microcontroller, and LCD. The battery is mounted on
the back of the board using a space saving spring battery clip.
Smart Washer Software
This application note describes the first software version
available. However, updated software versions may be
available with further functionality and menu selections.
Software User Instructions
When the system is turned on or reset, the microcontroller
will flash the selected LED and display the program title on the
LCD for five seconds, or until the select (SEL) button is
pushed. Then the menu screen is displayed. Using the select
(SEL) pushbutton, it is easy to scroll through the menu options
for a software program. To run the water level program, use
the select button to highlight the Water Level option, then
press the enter (ENT) pushbutton. The Water Level program
will display current water level, the rate of flow, a message if
the container is Filling, Emptying, Full, or Empty, and a
scrolling graphical history displaying data points representing
the past forty level readings.
The Water Level is displayed by retrieving the digital
voltage from the internal A/D Converter. This voltage is
converted to pressure in millimeters of water and then
displayed on the LCD.
Calibration and Calibration Software
To calibrate the system, a two-point calibration is
performed. The sensor will take a calibration point at 0 mm
and at 40 mm of water. Depressing both the SEL and ENT
buttons on system power-up enters the calibration mode. At
this point, the calibration menu is displayed with the previously
sampled offset voltage. To recalibrate the system, expose the
sensor to atmospheric pressure and press the SEL button
(PB1). At this point, the zero offset voltage will be sampled and
saved to a location in the microcontroller memory. To obtain
the second calibration point, place the end of the plastic tube
from the pressure sensor to the bottom of a container holding
40 mm of water. Then press the ENT button (PB2). The
voltage output will be sampled, averaged and saved to a
location in memory. To exit the calibration mode, press the
SEL (PB1) button.
Figure 5. Water Level System Set-Up
for Demonstration
Table 2. Parts List
Ref.
Qty
Description
Value
Vendor
Part No.
U2
1
Pressure Sensor
1
Freescale
MPXM2010GS
C1
1
Vcc Cap
0.1µf
Generic
C2
1
Op-Amp Cap
0.1µf
Generic
C3
1
Shift Register Cap
0.1µf
Generic
D1
1
Red LED
Generic
D2
1
Green LED
Generic
S2, S3
2
Pushbuttons
Generic
U1
1
Quad Op-Amp
ADI
AD8544
U3
1
Voltage Regulator
5.0 V
Fairchild
LM78L05ACH
U4
1
Microcontroller
8-pin
Freescale
MC68HC908QT4
R1
1
¼ W Resistor
22 K
Generic
R2
1
¼ W Resistor
2.4 K
Generic
R3, R6
2
¼ W Resistor
1.2 M
Generic
R4, R5
2
¼ W Resistor
1.5 K
Generic
R7, R8
2
¼ W Resistor
10 K
Generic
R9, R10
2
¼ W Resistor
1.0 K
Generic
U6
1
LCD (Optional)
16 x 2
Seiko
L168200J000
U5
1
Shift Registor
Texas Instruments
74HC164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com