Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC908JB16AD Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # HC908JB16AD
Description  Addendum to MC68HC908JB16 Technical Data
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HC908JB16AD Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button HC908JB16AD Datasheet HTML 2Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 3Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 4Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 5Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 6Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 7Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 8Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 9Page - Freescale Semiconductor, Inc HC908JB16AD Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HC908JB16AD/D
Addendum to MC68HC908JB16 Technical Data
Pullup on PTE3/D+
and PTE4/D– Pins
On the MC68HC908JB12, control over the pullup devices on PTE3/D+ and
PTE4/D– pins are shown in Table 2.
Electrical
Specifications
Electrical specifications for the MC68HC908JB16 apply to the
MC68HC908JB12, except for the USB reset timing:
Order Numbers
These are MC order numbers for MC68HC908JB12.
Table 2. Pullup Control on PTE3/D+ and PTE4/D– Pins
PULLEN
($001A)
USBEN
($0038)
PTExP
($001D)
PTE4IE
($001C)
PTE3/D+ pin
PTE4/D– pin
0000
—
—
0010
5k
Ω pullup to V
DD
5k
Ω pullup to V
DD
(1)
0001
—
5k
Ω pullup to V
DD
(1)
0011
5k
Ω pullup to V
DD
5k
Ω pullup to V
DD
(1)
01
X
X
—
—
11
X
X
—
1.5k
Ω pullup to V
REG
10
X
0
—
1.5k
Ω pullup to V
REG
1
0
X
1
Do not set this configuration.
Notes:
Notes:
1. External interrupt function is also enabled on PTE4/D– pin.
Bus State
Signaling Levels
Transmit
Receive
Reset
NA
D+ and D– < VIL (max) for ≥ 8µs (MC68HC908JB16)
D+ and D– < VIL (max) for ≥ 125µs (MC68HC908JB12)
Table 3. MC68HC908JB12 Order Numbers
MC Order Number
Package
Operating
Temperature Range
MC68HC908JB12JDW
20-pin SOIC
0
°C to +70 °C
MC68HC908JB12DW
28-pin SOIC
0
°C to +70 °C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com