Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC908JB16D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # HC908JB16D
Description  Addendum to MC68HC908JB16 Technical Data
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HC908JB16D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  HC908JB16D Datasheet HTML 1Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 2Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 3Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 4Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 5Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 6Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 7Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 8Page - Freescale Semiconductor, Inc HC908JB16D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HC908JB16AD/D
Addendum to MC68HC908JB16 Technical Data
20-Pin SOIC
Order Number: MC68HC908JB16JDW
Figure 1. 20-Pin SOIC Pin Assignment
Figure 2. 20-Pin SOIC Mechanical Dimensions (Case No. 751D)
1
2
3
4
5
6
7
20
19
18
17
16
15
14
13
12
11
8
9
10
OSC1
PTA0/KBA0
RST
PTA1/KBA1
PTA2/KBA2
PTA3/KBA3
PTA4/KBA4
PTA5/KBA5
PTA6/KBA6
PTA7/KBA7
IRQ
OSC2
VREG
VDD
PTD0/1
PTE1/T1CH01
PTE3/D+
PTE4/D–
PTC0/TxD
VSS
Internal pads are unconnected.
PTD0/1 pin: PTD0 and PTD1 internal pads are bonded together to PTD0/1 pin,
and has 50mA sink capability when configured as an output.
Pin direction must be configured such that DDRD0 = DDRD1.
Pins not available on 20-pin package:
PTC1/RxD
PTE0/TCLK
PTD2
PTE2/T2CH01
PTD3
CGMXFC1
CGMXFC2
PTD4
CGMOUT1
CGMOUT2
PTD5
VREGA0
VREGA1
VSSA0
VSSA1
VDDA
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
–A–
–B–
20
1
11
10
S
A
M
0.010 (0.25)
B S
T
D
20X
M
B
M
0.010 (0.25)
P
10X
J
F
G
18X
K
C
–T– SEATING
PLANE
M
R X 45
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.65
12.95
0.499
0.510
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
__
__
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com