Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC971 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC971
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC971 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC971 Datasheet HTML 10Page - NXP Semiconductors P89LPC971 Datasheet HTML 11Page - NXP Semiconductors P89LPC971 Datasheet HTML 12Page - NXP Semiconductors P89LPC971 Datasheet HTML 13Page - NXP Semiconductors P89LPC971 Datasheet HTML 14Page - NXP Semiconductors P89LPC971 Datasheet HTML 15Page - NXP Semiconductors P89LPC971 Datasheet HTML 16Page - NXP Semiconductors P89LPC971 Datasheet HTML 17Page - NXP Semiconductors P89LPC971 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
PCON
Power control
register
87H
SMOD1
SMOD0
-
BOI
GF1
GF0
PMOD1
PMOD0
00
0000 000
0
PCONA
Power control
register A
B5H
RTCPD
-
VCPD
-
I2PD
SPPD
SPD
-
00[2]
0000 000
0
PINCON
pin remap
control register
CFH
---
---
SPI
-
00[2]
0000 000
0
PMUCO
N
Power
Management
Unit control
register
FAH
LPMOD
-
-
-
-
-
-
HCOK
0xxx xxx1
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status
word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00
0000 000
0
PT0AD
Port 0 digital
input disable
F6H
-
-
PT0AD.5
PT0AD.4
PT0AD.3
PT0AD.2
PT0AD.1
-
00
xx00 000x
PWMD2
H
PWM Free
Cycle register 2
high byte
AEH
00
0000 0000
PWMD2L PWM Free
Cycle register 2
low byte
AFH
00
0000 0000
PWMD3
H
PWM Free
Cycle register 3
high byte
E9H
00
0000 0000
PWMD3L PWM Free
Cycle register 3
low byte
EAH
00
0000 0000
PWMD4
H
PWM Free
Cycle register 4
high byte
AAH
00
0000 0000
PWMD4L PWM Free
Cycle register 4
low byte
ABH
00
0000 0000
RCAP2H
Capture register
2 high byte
FCH
00
0000 0000
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com