Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 4 Page - NXP Semiconductors

  P89LPC913FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
4 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
5.
Block diagram
Fig 1.
P89LPC912 block diagram
1 kB CODE FLASH
SPI
CMP1
CIN2A
CIN1A
CMPREF
P2[5:2]
P3[1:0]
P1.2, P1.5
P0.2, P0[6:4]
MOSI
SPICLK
MISO
T0
P89LPC912
002aaa472
SS
128 BYTE DATA RAM
PORT 3
CONFIGURABLE I/O
PORT 2
CONFIGURABLE I/O
PORT 1
CONFIGURABLE I/O
PORT 0
CONFIGURABLE I/O
KEYPAD INTERRUPT
WATCHDOG TIMER
AND OSCILLATOR
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU clock
CRYSTAL
OR
RESONATOR
XTAL1
XTAL2
CONFIGURABLE
OSCILLATOR
ON-CHIP
OSCILLATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
ANALOG
COMPARATORS
TIMER 0
TIMER 1
REAL TIME CLOCK/
SYSTEM TIMER
internal bus
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com