Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
99
Figure 71. SmartCard Interface Power Down AC Timing
3.7.15
System JTAG Controller (SJC) Timing
Figure 72 through Figure 75 show respectively the test clock input, boundary scan, test access port, and
TRST timings for the SJC. Table 76 describes the SJC timing parameters (SJ1–SJ13) indicated in the
figures.
Figure 72. Test Clock Input Timing Diagram
Table 75. Timing Requirements for Power-down Sequence
ID
PARAMETER
SYMBOL
Min.
Max.
Unit
SI7
SIM reset to SIM clock stop
Srst2clk
0.9
× 1/Fckil
1.1
× 1/Fckil
ns
SI8
SIM reset to SIM Tx data low
Srst2dat
1.8
× 1/Fckil
2.2
× 1/Fckil
ns
SI9
SIM reset to SIM voltage enable low
Srst2ven
2.7
× 1/Fckil
3.3
× 1/Fckil
ns
SI10
SIM presence detect to SIM reset low
Spd2rst
0.9
× 1/Fckil
1.1
× 1/Fckil
ns
SIMx_SIMPDy
SIMx_RSTy
SIMx_CLKy
SIMx_RXy & SIMx_TXy
SIMx_VENy
SI7
SI8
SI9
SI10
TCK
(Input)
VM
VM
VIH
VIL
SJ1
SJ2
SJ2
SJ3
SJ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com