Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 122Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 123Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 124Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 125Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 126Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 127Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 128Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 129Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
126
Freescale Semiconductor
4.3
Signal Contact Assignments—17x17 mm,
0.8 mm Pitch
Table 99 lists the 17
×17 mm package i.MX25 signal contact assignments.
Table 99. 17x17 mm Package i.MX25 Signal Contact Assignment
Signal Name
Contact
Assignment
Signal Name
Contact
Assignment
Signal Name
Contact
Assignment
A0
A18
NFWE_B
G4
SD1_CMD
K20
A1
B17
NFRE_B
C1
SD1_CLK
M20
A2
C17
NFALE
F4
SD1_DATA0
L20
A3
B18
NFCLE
E4
SD1_DATA1
N20
A4
C20
NFWP_B
H4
SD1_DATA2
M19
A5
A19
NFRB
C2
SD1_DATA3
J20
A6
C19
D15
J2
KPP_ROW0
N4
A7
B19
D14
J1
KPP_ROW1
R1
A8
D18
D13
H2
KPP_ROW2
P3
A9
C18
D12
H3
KPP_ROW3
P2
A10
A2
D11
F1
KPP_COL0
P1
MA10
D16
D10
F2
KPP_COL1
N3
A11
D20
D9
D1
KPP_COL2
N2
A12
D17
D8
E2
KPP_COL3
N1
A13
D19
D7
J3
FEC_MDC
L1
A14
A3
D6
H1
FEC_MDIO
L2
A15
B4
D5
G1
FEC_TDATA0
L3
A16
C6
D4
G2
FEC_TDATA1
J4
A17
B5
D3
G3
FEC_TX_EN
M2
A18
D7
D2
E1
FEC_RDATA0
M1
A19
A4
D1
F3
FEC_RDATA1
M4
A20
B6
D0
E3
FEC_RX_DV
M3
A21
C7
LD0
Y7
FEC_TX_CLK
L4
A22
A5
LD1
V8
RTCK
W10
A23
A6
LD2
W7
TCK
V10
A24
B7
LD3
U8
TMS
Y9
A25
A7
LD4
Y6
TDI
W9
SD0
A12
LD5
V7
TDO
Y8
SD1
C13
LD6
W6
TRSTB
V9
SD2
B13
LD7
Y5
DE_B
W8
SD3
D14
LD8
V6
SJC_MOD
U9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com