Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08JS16 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08JS16 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
13
Figure 8. IOL vs VOL (Low Drive) at VDD = 5 V
Figure 9. IOL vs VOL (High Drive) at VDD = 5 V
IOL vs VOL (Low Drive) at VDD = 5 V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
IOL(mA)
-40C
25C
85C
IOL vs VOL (High Drive) at VDD = 5 V
0.00
0.05
0.10
0.15
0.20
0.25
0
-1-2
-3
-4-5
-6-7
-8-9 -10 -11 -12 -13 -14 -15
IOL (mA)
-40C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com