Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB6S
Description  0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB6S Datasheet(HTML) 1 Page - Micro Commercial Components

  MB6S Datasheet HTML 1Page - Micro Commercial Components MB6S Datasheet HTML 2Page - Micro Commercial Components MB6S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB05S
THRU
MB10S
0.5 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB05S
MB05S
50V
35V
50V
MB1S
MB1S
100V
70V
100V
MB2S
MB2S
200V
140V
200V
MB4S
MB4S
400V
280V
400V
MB6S
MB6S
600V
420V
600V
MB8S
MB8S
800V
480V
800V
MB10S
MB10S
1000V
700V
1000V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5 A
(2)
0.8 A
(3)
See Fig.1
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 0.4A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
100uA
TA = 25
TA = 125
Typical Thermal
Resistance
RthJA
RthJA
RthJL
85
/W
(2)
70
/W
(3)
20
/W
(2)
per leg
Typical Junction
Capacitance
CJ
13pF
Measured at
1.0MHz, VR=4.0V
Rating For Fusing
I
2t
5.0A
2s
t<8.30ms
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MBS -1










.252
.275
6.40
7.00


6

2.70

.019
.031
0.50
0.80

.090
.106
2.30
2.70

.004
.008
0.10
0.20
.027
.043
0.70
1.10

.058
.062
1.47
1.57

.195
.205
4.95
5.21
Notch in case
B
C
D
A
F
G
H
E
+
-
∼∼∼∼
∼∼∼∼
K
J
M
N
C
.150
.165
3.80
4.20
D
.179
.195
4.55
4.95
Revision:
12
200
9/10/22
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
0.272 MAX.
(6.91 MAX.)
0.105 (2.67)
0.095 (2.41)
0.030 MIN.
(0.76 MIN.)
0.023 MIN.
(0.58 MIN.)
Mounting Pad Layout
•
Glass Passivated Diode Construction
•
High Temperature Soldering Guaranteed:260oC/10 Second
•
Saves Space On Printed Circuit Board
•
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
•
Teminals: Plated leads Solderable per MIL-STD-750,Method 2026
•
Moisture Sensitiviy:Level
1 per J-STD-020C
www.mccsemi.com
1 of 3
O
C
5uA
O
C
O
C
O
C
O
C
O
C
M
.039
.049
0.99
1.24
N
.006
.016
0.15
0.41
TM
Micro Commercial Components
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
2. On glass epoxy P.C.B. mounted on 0.05 x 0.05”(1.3 x 1.3mm)pads
3. On aluminum substrate P.C.B. with an area of 0.8” x 0.8”(20 x 20mm) mounted
on 0.05 x 0.05”(1.3x 1.3mm) solder pad
~
~
-
+
Case Style


Similar Part No. - MB6S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB6S FAIRCHILD-MB6S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB6S GE-MB6S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6S MCC-MB6S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB6S SEMIKRON-MB6S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB6S BILIN-MB6S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB6S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05M MCC-MB05M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
MAKO SEMICONDUCTOR CO.,...
MB1S MAKOSEMI-MB1S Datasheet
125Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Guangdong Youtai Semico...
MB05S UMW-MB05S Datasheet
1Mb / 2P
0.8Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com