Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8575D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8575D
Description  Remote 16-bit I/O expander for I2C-bus with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8575D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8575D Datasheet HTML 3Page - NXP Semiconductors PCA8575D Datasheet HTML 4Page - NXP Semiconductors PCA8575D Datasheet HTML 5Page - NXP Semiconductors PCA8575D Datasheet HTML 6Page - NXP Semiconductors PCA8575D Datasheet HTML 7Page - NXP Semiconductors PCA8575D Datasheet HTML 8Page - NXP Semiconductors PCA8575D Datasheet HTML 9Page - NXP Semiconductors PCA8575D Datasheet HTML 10Page - NXP Semiconductors PCA8575D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PCA8575_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 March 2007
7 of 30
NXP Semiconductors
PCA8575
Remote 16-bit I/O expander for I2C-bus with interrupt
8.
I/O programming
8.1 Quasi-bidirectional I/O architecture
The PCA8575’s 16 ports (see Figure 2) are entirely independent and can be used either
as input or output ports. Input data is transferred from the ports to the microcontroller in
the Read mode (see Figure 12). Output data is transmitted to the ports in the Write mode
(see Figure 11).
Every data transmission from the PCA8575 must consist of an even number of bytes, the
first byte will be referred to as P07 to P00, and the second byte as P17 to P10. The third
will be referred to as P07 to P00, and so on.
This quasi-bidirectional I/O can be used as an input or output without the use of a control
signal for data directions. At power-on the I/Os are HIGH. In this mode only a current
source (IOH) to VDD is active. An additional strong pull-up to VDD (Itrt(pu)) allows fast rising
edges into heavily loaded outputs. These devices turn on when an output is written HIGH,
and are switched off by the negative edge of SCL. The I/Os should be HIGH before being
used as inputs. After power-on, as all the I/Os are set HIGH, all of them can be used as
inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the
Write mode.
Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large
current (IOL) will flow to VSS.
8.2 Writing to the port (Output mode)
To write, the master (microcontroller) first addresses the slave device. By setting the last
bit of the byte containing the slave address to logic 0 the Write mode is entered. The
PCA8575 acknowledges and the master sends the first data byte for P07 to P00. After the
first data byte is acknowledged by the PCA8575, the second data byte P17 to P10 is sent
by the master. Once again, the PCA8575 acknowledges the receipt of the data. Each 8-bit
data is presented on the port lines after it has been acknowledged by the PCA8575.
The number of data bytes that can be sent successively is not limited. After every two
bytes, the previous data is overwritten.
The first data byte in every pair refers to Port 0 (P07 to P00), whereas the second data
byte in every pair refers to Port 1 (P17 to P10). See Figure 10.
Fig 10. Correlation between bits and ports
A
002aab634
06
05
04
03
02
01
00
first byte
07
P06 P05 P04 P03 P02 P01 P00
P07
A
16
15
14
13
12
11
10
second byte
17
P16 P15 P14 P13 P12 P11 P10
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com