Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9502BS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9502BS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9502BS Datasheet HTML 10Page - NXP Semiconductors PCA9502BS Datasheet HTML 11Page - NXP Semiconductors PCA9502BS Datasheet HTML 12Page - NXP Semiconductors PCA9502BS Datasheet HTML 13Page - NXP Semiconductors PCA9502BS Datasheet HTML 14Page - NXP Semiconductors PCA9502BS Datasheet HTML 15Page - NXP Semiconductors PCA9502BS Datasheet HTML 16Page - NXP Semiconductors PCA9502BS Datasheet HTML 17Page - NXP Semiconductors PCA9502BS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
14 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
12. Static characteristics
Table 15.
Static characteristics
VDD = (2.5 V ± 0.2 V) or (3.3 V ± 0.3 V); Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
VDD = 2.5 V
VDD = 3.3 V
Unit
Min
Max
Min
Max
Supplies
VDD
supply voltage
2.3
2.7
3.0
3.6
V
IDD
supply current
operating; no load
-
750
-
750
µA
static; no load
-
600
-
600
µA
Inputs I2C/SPI
VIH
HIGH-level input voltage
1.6
5.5[1]
2.0
5.5[1]
V
VIL
LOW-level input voltage
-
0.6
-
0.8
V
IL
leakage current
input; VI = 0 V or 5.5 V[1]
-1-1
µA
Ci
input capacitance
-3-3
pF
Output SO
VOH
HIGH-level output voltage
IOH = −400 µA
1.85
-
-
-
V
IOH = −4 mA
-
-
2.4
-
V
VOL
LOW-level output voltage
IOL = 1.6 mA
-
0.4
-
-
V
IOL = 4 mA
-
-
-
0.4
V
Co
output capacitance
-4-4
pF
Inputs/outputs GPIO0 to GPIO7
VIH
HIGH-level input voltage
1.6
5.5[1]
2.0
5.5[1]
V
VIL
LOW-level input voltage
-
0.6
-
0.8
V
VOH
HIGH-level output voltage
IOH = −400 µA
1.85
-
-
-
V
IOH = −4 mA
-
-
2.4
-
V
VOL
LOW-level output voltage
IOL = 1.6 mA
-
0.4
-
-
V
IOL = 4 mA
-
-
-
0.4
V
IL
leakage current
input; VI = 0 V or 5.5 V[1]
-1-1
µA
Co
output capacitance
-4-4
pF
Output IRQ
VOL
LOW-level output voltage
IOL = 1.6 mA
-
0.4
-
-
V
IOL = 4 mA
-
-
-
0.4
V
Co
output capacitance
-4-4
pF
I2C-bus input/output SDA
VIH
HIGH-level input voltage
1.6
5.5[1]
2.0
5.5[1]
V
VIL
LOW-level input voltage
-
0.6
-
0.8
V
VOL
LOW-level output voltage
IOL = 1.6 mA
-
0.4
-
-
V
IOL = 4 mA
-
-
-
0.4
V
IL
leakage current
input; VI = 0 V or 5.5 V[1]
-10-10
µA
Co
output capacitance
-7-7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com