Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLVB06V09C005 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MLVB06V09C005
Description  Multilayer Varistor ESD Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVB06V09C005 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MLVB06V09C005 Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVB06V09C005 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• Computers and peripherals
• Digital still cameras
• Cell phones
• Medical equipment
• DVD Players
• MP3/Multimedia players
• LCD TV / Monitor
• External storage
• Cable/DSL Modems
• USB 2.0
• Set top boxes
Part Numbering System:
MLVB
04
V18
C001
Product Family
Size
Working DC Voltage
Capacitance in pF*
* Part numbers use “R” to denote decimal point for decimal values of pico farads.
Packaging
• Size 0402: 10,000 pieces per reel - EIA (EIAJ)
• Size 0603: 4000 pieces per reel - EIA (EIAJ)
Multilayer Varistor
ESD Suppressor
MLVB Series
0310
BU-SB10347
Page 1 of 2
Data Sheet 4071
Description
Cooper Bussmann
® MLVB Series of multilayer varistors are designed to
protect electronic circuits from ESD damage.
The MLVB Series has the low
capacitance necessary to protect a wide range of data speeds, including
protection against high speed transient voltages.
Features
• Zinc oxide based ceramic chip
• Low capacitance to meet the need for high speed transient voltage
protection
• Provides ESD protection with fast response time (<1ns) allowing
equipment to pass IEC 61000-4-2 Level 4 Test
• Low profile designs for board space savings
• Low and stable leakage current reduces power consumption
• Low clamping voltage
• Lead free, halogen free and RoHS compliant for global applications
Pb
Specifications
Part
Working
Varistor Voltage
Clamping
Capacitance
Leakage
Number
Size
Voltage (Vdc)
@1mAdc
Voltage
pF
Current (
μA)
MLVB04V18C0R5
0402
18
90-120
250*
0.5
<10
MLVB04V18C001
0402
18
46-60
110*
1
<10
MLVB04V18C003
0402
18
22-34
58
3
<10
MLVB04V09C005
0402
9
11-17
35
5
<10
MLVB06V18C0R5
0603
18
90-120
250*
0.5
<10
MLVB06V18C001
0603
18
46-60
110*
1
<10
MLVB06V18C003
0603
18
22-34
58
3
<10
MLVB06V09C005
0603
9
11-17
35
5
<10
HALOGEN
HF
FREE
* Maximum peak current across the varistor with 8/20
μs waveform and 0.5A pulse current.
Working Voltage (Vdc) - Maximum DC operating voltage the varistor can maintain and not exceed 10
μA leakage current.
Varistor Voltage - Voltage across the device measured at 1mA DC current. Equivalent to VB, “breakdown voltage.”
Clamping Voltage - Maximum peak voltage across the varistor with 8/20
μs waveform and 1A pulse current.
Capacitance - Device capacitance measured with zero volt bias 1Vrms at 1MHz.
Surface Mount Device


Similar Part No. - MLVB06V09C005

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MLVB06V09C005 EATON-MLVB06V09C005 Datasheet
339Kb / 2P
Multilayer varistor ESD suppressor
More results

Similar Description - MLVB06V09C005

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
Multilayer Varistor ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
Multilayer Polymer ESD Suppressor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
ESLP2510V05 GOOD-ARK-ESLP2510V05 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
Multilayer Varistor for ESD pulse
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com