Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMD125F Datasheet(PDF) 19 Page - Tyco Electronics

Part # ASMD125F
Description  PolySwitch Resettable Devices Automotive Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD125F Datasheet(HTML) 19 Page - Tyco Electronics

Back Button ASMD125F Datasheet HTML 14Page - Tyco Electronics ASMD125F Datasheet HTML 15Page - Tyco Electronics ASMD125F Datasheet HTML 16Page - Tyco Electronics ASMD125F Datasheet HTML 17Page - Tyco Electronics ASMD125F Datasheet HTML 18Page - Tyco Electronics ASMD125F Datasheet HTML 19Page - Tyco Electronics ASMD125F Datasheet HTML 20Page - Tyco Electronics ASMD125F Datasheet HTML 21Page - Tyco Electronics ASMD125F Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
167
RoHS Compliant, ELV Compliant
10
w
1
n
a
c
w
2
Cross section
Direction of
unreeling
Reel
Type
Upper side
Lower side
Optional shape: Circular or polygonal
h
H
1
P
1
W
4
H
0
H
1
C
1
C
2
F
AB
Reference plane
Direction of unreeling
Cross section A-B
W
5
H
W
t
P
0
D
0
I
2
L
L
1
h
p
p
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
16.0
± 0.3
Sprocket hole pitch
P0
4.0
± 0.10
Embossed cavity pitch (ASMD030F to ASMD125F & AHS080-2018)
P1
8.0
± 0.10
Embossed cavity pitch (ASMD150F to ASMD250F & AHS160 to AHS300)
P1
12.0
± 0.10
Ordinate to embossed cavity center
P2
2.0
± 0.10
Embossed cavity length (inside) (AHS080-2018)
A0
5.11
± 0.15
Embossed cavity length (inside) (ASMD030F to ASMD125F)
A0
5.6
± 0.23
Embossed cavity length (inside) (ASMD150F to ASMD250F & AHS160 to AHS300)
A0
6.9
± 0.23
Embossed cavity width (inside) (AHS080-2018)
B0
5.6
± 0.23
Embossed cavity width (inside) (ASMD030F to ASMD125F)
B0
8.1
± 0.15
Embossed cavity width (inside) (ASMD150F to ASMD250F & AHS160 to AHS300)
B0
9.6
± 0.15
Embossed cavity length (outside)
B1 max.
12.1
—
Sprocket hole diameter
D0
1.5
+ 0.1, -0
Abscissa to embossed cavity center
F
7.5
± 0.10
Sprocket hole location
E1
1.75
± 0.10
Sprocket hole location (across embossed cavity)
E2 min.
14.25
—
AHS and ASMD devices are available in tape and reel packaging per EIA 468-2 standards. See Figures A24 and A25 for details.
Figure A22 EIA Referenced Taped Component Dimensions for AGRF/AHRF/AHEF Automotive Devices
Figure A23 EIA Referenced Reel Dimensions for AGRF/AHRF/AHEF Automotive Devices
Table A8 Tape and Reel Specifications for AHS/ASMD Automotive Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com