Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP340F Datasheet(PDF) 1 Page - Tyco Electronics

Part # LTP340F
Description  Overcurrent Protection Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP340F Datasheet(HTML) 1 Page - Tyco Electronics

  LTP340F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA
94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: LTP340F
DOCUMENT: SCD 26170
PCN:
E48836
REV LETTER:
B
REV DATE: JUNE 18, 2007
PAGE NO.:
1 OF 1
Specification Status: Released
Electrical Rating
Voltage:
24V MAX
Current:
100A MAX
Chip Size: 15 X 13mm
Leads: Nickel
1/4H
0.125mm nominal thickness
Tape:
Polyester (Yellow)
16.0mm nominal Width
Solder: Lead-free
Marking: (Color: Green)
Manufacturer's Mark
L34
Lot Identification
Part Identification
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
24.0
26.0
14.8
15.9
0.6
1.0
4.0
5.0
4.0
5.0
5.9
6.1
in*:
(0.94)
(1.02)
(0.58)
(0.63)
(0.02)
(0.04)
(0.16)
(0.20)
(0.16)
(0.20)
(0.23)
(0.24)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENCE
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
20°C
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
AMPS
AT 80°C
SECONDS AT
20°C, 17 A
OHMS
AT 20°C
OHMS
AT 20°C
WATTS AT
20°C, 24V
HOLD
HOLD
TRIP
HOLD TRIP HOLD
TRIP HOLD TRIP
TYP
MAX
MIN
MAX
TYP
MAX
MAX
3.4
4.0
8.0
3.4
6.8
1.9
3.8
1.1
2.2
2
5
0.016 0.027
0.036
0.050
2.7
Agency Recognitions:
UL, TUV, CSA
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information:
ROHS Compliant
ELV Compliant
Pb-Free
© 2005, 2007 Tyco Electronics Corporation.
All rights reserved.


Similar Part No. - LTP340F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LTP340F MACOM-LTP340F Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - LTP340F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
AGRF1100 LITTELFUSE-AGRF1100 Datasheet
354Kb / 2P
Overcurrent Protection Device
AHEF1000 LITTELFUSE-AHEF1000 Datasheet
262Kb / 2P
Overcurrent Protection Device
AHRF100 LITTELFUSE-AHRF100 Datasheet
335Kb / 2P
Overcurrent Protection Device
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
Overcurrent Protection Device
AHRF1300 LITTELFUSE-AHRF1300 Datasheet
278Kb / 2P
Overcurrent Protection Device
ASMD150F LITTELFUSE-ASMD150F Datasheet
97Kb / 2P
Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
Overcurrent Protection Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com