Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9533 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9533
Description  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9533 Datasheet HTML 9Page - NXP Semiconductors PCA9533 Datasheet HTML 10Page - NXP Semiconductors PCA9533 Datasheet HTML 11Page - NXP Semiconductors PCA9533 Datasheet HTML 12Page - NXP Semiconductors PCA9533 Datasheet HTML 13Page - NXP Semiconductors PCA9533 Datasheet HTML 14Page - NXP Semiconductors PCA9533 Datasheet HTML 15Page - NXP Semiconductors PCA9533 Datasheet HTML 16Page - NXP Semiconductors PCA9533 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
13 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
10. Static characteristics
[1]
Typical limits at VDD = 3.3 V, Tamb =25 °C.
[2]
VDD must be lowered to 0.2 V in order to reset part.
[3]
Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
Table 13.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supplies
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
operating mode; VDD = 5.5 V; no load;
VI =VDD or VSS; fSCL = 100 kHz
-
350
550
µA
Istb
standby current
Standby mode; VDD = 5.5 V; no load;
VI =VDD or VSS; fSCL = 0 kHz
-
1.9
3.0
µA
∆IDD
additional quiescent supply
current
Standby mode; VDD = 5.5 V;
every LED I/O at VI = 4.3 V;
fSCL = 0 kHz
-
-
325
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[2] -
1.7
2.2
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
6.5
-
mA
IL
leakage current
VI =VDD =VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
3.7
5
pF
I/Os
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
VDD = 2.3 V
[3] 9-
-
mA
VDD = 3.0 V
[3] 12
-
-
mA
VDD = 5.0 V
[3] 15
-
-
mA
VOL = 0.7 V
VDD = 2.3 V
[3] 15
-
-
mA
VDD = 3.0 V
[3] 20
-
-
mA
VDD = 5.0 V
[3] 25
-
-
mA
ILI
input leakage current
VDD = 3.6 V; VI = 0 V or VDD
−1-
+1
µA
Cio
input/output capacitance
-
2.1
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com