Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9543A
Description  2-channel I2C-bus switch with interrupt logic and reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9543A Datasheet HTML 1Page - NXP Semiconductors PCA9543A Datasheet HTML 2Page - NXP Semiconductors PCA9543A Datasheet HTML 3Page - NXP Semiconductors PCA9543A Datasheet HTML 4Page - NXP Semiconductors PCA9543A Datasheet HTML 5Page - NXP Semiconductors PCA9543A Datasheet HTML 6Page - NXP Semiconductors PCA9543A Datasheet HTML 7Page - NXP Semiconductors PCA9543A Datasheet HTML 8Page - NXP Semiconductors PCA9543A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PCA9543A_43B_43C_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 15 June 2009
2 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
I 5 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO14, TSSOP14
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9543AD
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
PCA9543APW
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
PCA9543BPW
PCA9543CPW
Table 2.
Ordering options
Type number
Topside mark
Temperature range (Tamb)
PCA9543AD
PCA9543AD
Tamb = −40 °C to +85 °C
PCA9543APW
PA9543A
Tamb = −40 °C to +85 °C
PCA9543BPW
PA9543B
Tamb = −40 °C to +85 °C
PCA9543CPW
PA9543C
Tamb = −40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com