Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541APW/03 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9541APW/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541APW/03 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9541APW/03 Datasheet HTML 2Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 3Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 4Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 5Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 6Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 7Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 8Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 9Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
6 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
7.2 Pin description
[1]
HVQFN16 package die supply ground is connected to both the VSS pin and the exposed center pad. The
VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical,
and board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the printed-circuit board in the thermal pad region.
Table 3.
Pin description
Symbol
Pin
Description
SO16,
TSSOP16
HVQFN16
INT0
1
15
active LOW interrupt output 0 (external pull-up required)
SDA_MST0
2
16
serial data master 0 (external pull-up required)
SCL_MST0
3
1
serial clock master 0 (external pull-up required)
RESET
4
2
active LOW reset input (external pull-up required)
SCL_MST1
5
3
serial clock master 1 (external pull-up required)
SDA_MST1
6
4
serial data master 1 (external pull-up required)
INT1
7
5
active LOW interrupt output 1 (external pull-up required)
VSS
86[1]
supply ground
A0
9
7
address input 0 (externally held to VSS or VDD)
A1
10
8
address input 1 (externally held to VSS or VDD)
A2
11
9
address input 2 (externally held to VSS or VDD)
A3
12
10
address input 3 (externally held to VSS or VDD)
SCL_SLAVE
13
11
serial clock slave (external pull-up required)
SDA_SLAVE
14
12
serial data slave (external pull-up required)
INT_IN
15
13
active LOW interrupt input (external pull-up required)
VDD
16
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com