Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9554APW
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9554APW Datasheet HTML 3Page - NXP Semiconductors PCA9554APW Datasheet HTML 4Page - NXP Semiconductors PCA9554APW Datasheet HTML 5Page - NXP Semiconductors PCA9554APW Datasheet HTML 6Page - NXP Semiconductors PCA9554APW Datasheet HTML 7Page - NXP Semiconductors PCA9554APW Datasheet HTML 8Page - NXP Semiconductors PCA9554APW Datasheet HTML 9Page - NXP Semiconductors PCA9554APW Datasheet HTML 10Page - NXP Semiconductors PCA9554APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
7 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
6.1.2 Register 0 - Input Port register
This register is a read-only port. It reflects the incoming logic levels of the pins, regardless
of whether the pin is defined as an input or an output by Register 3. Writes to this register
have no effect.
The default ‘X’ is determined by the externally applied logic level, normally ‘1’ when no
external signal externally applied because of the internal pull-up resistors.
6.1.3 Register 1 - Output Port register
This register reflects the outgoing logic levels of the pins defined as outputs by Register 3.
Bit values in this register have no effect on pins defined as inputs. Reads from this register
return the value that is in the flip-flop controlling the output selection, not the actual pin
value.
Table 4.
Register 0 - Input Port register bit description
Bit
Symbol
Access
Value
Description
7
I7
read only
X
determined by externally applied logic level
6
I6
read only
X
5
I5
read only
X
4
I4
read only
X
3
I3
read only
X
2
I2
read only
X
1
I1
read only
X
0
I0
read only
X
Table 5.
Register 1 - Output Port register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
O7
R
1*
reflects outgoing logic levels of pins defined as
outputs by Register 3
6O6
R
1*
5O5
R
1*
4O4
R
1*
3O3
R
1*
2O2
R
1*
1O1
R
1*
0O0
R
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com