Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9626B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9626B
Description  24-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9626B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9626B Datasheet HTML 9Page - NXP Semiconductors PCA9626B Datasheet HTML 10Page - NXP Semiconductors PCA9626B Datasheet HTML 11Page - NXP Semiconductors PCA9626B Datasheet HTML 12Page - NXP Semiconductors PCA9626B Datasheet HTML 13Page - NXP Semiconductors PCA9626B Datasheet HTML 14Page - NXP Semiconductors PCA9626B Datasheet HTML 15Page - NXP Semiconductors PCA9626B Datasheet HTML 16Page - NXP Semiconductors PCA9626B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
PCA9626_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
13 of 47
NXP Semiconductors
PCA9626
24-bit Fm+ I2C-bus 100 mA 40 V LED driver
7.3.3 PWM0 to PWM23, individual brightness control
A 97 kHz fixed frequency signal is used for each output. Duty cycle is controlled through
256 linear steps from 00h (0 % duty cycle = LED output off) to FFh
(99.6 % duty cycle = LED output at maximum brightness). Applicable to LED outputs
programmed with LDRx = 10 or 11 (LEDOUT0 to LEDOUT5 registers).
(1)
Table 7.
PWM0 to PWM23 - PWM registers 0 to 23 (address 02h to 19h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
02h
PWM0
7:0
IDC0[7:0]
R/W
0000 0000* PWM0 Individual Duty Cycle
03h
PWM1
7:0
IDC1[7:0]
R/W
0000 0000* PWM1 Individual Duty Cycle
04h
PWM2
7:0
IDC2[7:0]
R/W
0000 0000* PWM2 Individual Duty Cycle
05h
PWM3
7:0
IDC3[7:0]
R/W
0000 0000* PWM3 Individual Duty Cycle
06h
PWM4
7:0
IDC4[7:0]
R/W
0000 0000* PWM4 Individual Duty Cycle
07h
PWM5
7:0
IDC5[7:0]
R/W
0000 0000* PWM5 Individual Duty Cycle
08h
PWM6
7:0
IDC6[7:0]
R/W
0000 0000* PWM6 Individual Duty Cycle
09h
PWM7
7:0
IDC7[7:0]
R/W
0000 0000* PWM7 Individual Duty Cycle
0Ah
PWM8
7:0
IDC8[7:0]
R/W
0000 0000* PWM8 Individual Duty Cycle
0Bh
PWM9
7:0
IDC9[7:0]
R/W
0000 0000* PWM9 Individual Duty Cycle
0Ch
PWM10
7:0
IDC10[7:0]
R/W
0000 0000* PWM10 Individual Duty Cycle
0Dh
PWM11
7:0
IDC11[7:0]
R/W
0000 0000* PWM11 Individual Duty Cycle
0Eh
PWM12
7:0
IDC12[7:0]
R/W
0000 0000* PWM12 Individual Duty Cycle
0Fh
PWM13
7:0
IDC13[7:0]
R/W
0000 0000* PWM13 Individual Duty Cycle
10h
PWM14
7:0
IDC14[7:0]
R/W
0000 0000* PWM14 Individual Duty Cycle
11h
PWM15
7:0
IDC15[7:0]
R/W
0000 0000* PWM15 Individual Duty Cycle
12h
PWM16
7:0
IDC16[7:0]
R/W
0000 0000* PWM16 Individual Duty Cycle
13h
PWM17
7:0
IDC17[7:0]
R/W
0000 0000* PWM17 Individual Duty Cycle
14h
PWM18
7:0
IDC18[7:0]
R/W
0000 0000* PWM18 Individual Duty Cycle
15h
PWM19
7:0
IDC19[7:0]
R/W
0000 0000* PWM19 Individual Duty Cycle
16h
PWM20
7:0
IDC20[7:0]
R/W
0000 0000* PWM20 Individual Duty Cycle
17h
PWM21
7:0
IDC21[7:0]
R/W
0000 0000* PWM21 Individual Duty Cycle
18h
PWM22
7:0
IDC22[7:0]
R/W
0000 0000* PWM22 Individual Duty Cycle
19h
PWM23
7:0
IDC23[7:0]
R/W
0000 0000* PWM23 Individual Duty Cycle
duty cycle
IDCx 7:0
[]
256
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com