| Electronic Components Datasheet Search |
|
PCA9633DP2 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9633DP2 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 43 page ![]() PCA9633_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 25 July 2008 8 of 43 NXP Semiconductors PCA9633 4-bit Fm+ I2C-bus LED driver 7. Functional description Refer to Figure 1 “Block diagram of PCA9633”. 7.1 Device addresses Following a START condition, the bus master must output the address of the slave it is accessing. There are a maximum of 128 possible programmable addresses using the 7 hardware address pins. Two of these addresses, Software Reset and LED All Call, cannot be used because their default power-up state is ON, leaving a maximum of 126 addresses. Using other reserved addresses, as well as any other subcall address, will reduce the total number of possible addresses even further. 7.1.1 Regular I2C-bus slave address The I2C-bus slave address of the PCA9633 is shown in Figure 8. To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they must be pulled HIGH or LOW (10-pin and 16-pin versions). Remark: Using reserved I2C-bus addresses will interfere with other devices, but only if the devices are on the bus and/or the bus will be open to other I2C-bus systems at some later date. In a closed system where the designer controls the address assignment these addresses can be used since the PCA9633 treats them like any other address. The LED All Call, Software Reset and PCA9564 or PCA9665 slave address (if on the bus) can never be used for individual device addresses. • PCA9633 LED All Call address (1110 000) and Software Reset (0000 0110) which are active on start-up • PCA9564 (0000 000) or PCA9665 (1110 000) slave address which is active on start-up • ‘reserved for future use’ I2C-bus addresses (0000 011, 1111 1XX) • slave devices that use the 10-bit addressing scheme (1111 0XX) • slave devices that are designed to respond to the General Call address (0000 000) • High-speed mode (Hs-mode) master code (0000 1XX). The last bit of the address byte defines the operation to be performed. When set to logic 1 a read is selected, while a logic 0 selects a write operation. a. 8-pin version b. 10-pin version c. 16-pin version Fig 8. Slave address R/W 002aab318 1 1 0 0 0 1 0 fixed slave address R/W 002aab295 1 1 0 0 0 A1 A0 fixed hardware selectable slave address R/W 002aab319 A6 A5 A4 A3 A2 A1 A0 hardware selectable slave address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |