Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9665D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 9Page - NXP Semiconductors PCA9665D Datasheet HTML 10Page - NXP Semiconductors PCA9665D Datasheet HTML 11Page - NXP Semiconductors PCA9665D Datasheet HTML 12Page - NXP Semiconductors PCA9665D Datasheet HTML 13Page - NXP Semiconductors PCA9665D Datasheet HTML 14Page - NXP Semiconductors PCA9665D Datasheet HTML 15Page - NXP Semiconductors PCA9665D Datasheet HTML 16Page - NXP Semiconductors PCA9665D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
PCA9665_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 12 August 2008
13 of 90
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
7.3.2.3
The Clock Rate registers, I2CSCLL and I2CSCLH (indirect addresses 02h and 03h)
I2CSCLL and I2CSCLH are 8-bit read/write registers. They define the data rate for the
PCA9665 when used as a bus master. The actual frequency is determined by tHIGH (time
where SCL is HIGH), tLOW (time where SCL is LOW), tr (rise time), and tf (fall time) values.
tHIGH and tLOW are calculated based on the values that are programmed into I2CSCLH
and I2CSCLL registers and the internal oscillator frequency. tr and tf are
system/application dependent.
(1)
with Tosc = internal oscillator period = 35 ns ± 5ns
Remark: The I2CMODE register needs to be programmed before programming the
I2CSCLL and I2CSCLH registers in order to know which I2C-bus mode is selected. See
Section 7.3.2.6 “The I2C-bus mode register, I2CMODE (indirect address 06h)” for more
detail.
Standard-mode is the default selected mode at power-up or after reset.
Table 17.
I2CSCLL - Clock Rate Low register (indirect address 02h) bit allocation
7
6
5
4
3
2
1
0
L7
L6
L5
L4
L3
L2
L1
L0
Table 18.
I2CSCLL - Clock Rate Low register (indirect address 02h) bit description
Bit
Symbol
Description
7:0
L[7:0]
Eight bits defining the LOW state of SCL.
Table 19.
I2CSCLH - Clock Rate High register (indirect address 03h) bit allocation
7
6
5
4
3
2
1
0
H7
H6
H5
H4
H3
H2
H1
H0
Table 20.
I2CSCLH - Clock Rate High register (indirect address 03h) bit description
Bit
Symbol
Description
7:0
H[7:0]
Eight bits defining the HIGH state of SCL.
f
SCL
1
T
osc I 2CSCLL
I 2CSCLH
+
() t
r
t
f
++
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com