Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9673DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9673DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9673DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9673DB Datasheet HTML 4Page - NXP Semiconductors PCA9673DB Datasheet HTML 5Page - NXP Semiconductors PCA9673DB Datasheet HTML 6Page - NXP Semiconductors PCA9673DB Datasheet HTML 7Page - NXP Semiconductors PCA9673DB Datasheet HTML 8Page - NXP Semiconductors PCA9673DB Datasheet HTML 9Page - NXP Semiconductors PCA9673DB Datasheet HTML 10Page - NXP Semiconductors PCA9673DB Datasheet HTML 11Page - NXP Semiconductors PCA9673DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
8 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
7.2.1 Software Reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write)
is sent by the I2C-bus master.
3. The PCA9673 device(s) acknowledge(s) after seeing the General Call address
‘0000 0000’ (00h) only. If the R/W bit is set to 1 (read), no acknowledge is returned to
the I2C-bus master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h.
a. The PCA9673 acknowledges this value only. If the byte is not equal to 06h, the
PCA9673 does not acknowledge it.
If more than 1 byte of data is sent, the PCA9673 does not acknowledge any more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the PCA9673 then resets to
the default value (power-up value) and is ready to be addressed again within the
specified bus free time. If the master sends a Repeated START instead, no reset is
performed.
The I2C-bus master must interpret a non-acknowledge from the PCA9673 (at any time) as
a ‘Software Reset Abort’. The PCA9673 does not initiate a reset of its registers.
The unique sequence that initiates a Software Reset is described in Figure 12.
7.2.2 Device ID (PCA9673 ID field)
The Device ID field is a 3-byte read-only (24 bits) word giving the following information:
• 8 bits with the manufacturer name, unique per manufacturer (for example,
NXP Semiconductors).
• 13 bits with the part identification, assigned by manufacturer, the 7 MSBs with the
category ID and the 6 LSBs with the feature ID (for example, PCA9673 16-bit
quasi-output I/O expander).
Fig 12. Software Reset sequence
002aac307
0
0
0
0
0
0
0
A
S
0
SWRST Call I2C-bus address
START condition
R/W
acknowledge
from slave(s)
0
0
0
0
1
1
0
0
SWRST data = 06h
A
acknowledge
from slave(s)
P
PCA9673 is(are) reset.
Registers are set to default power-up values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com