Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8563T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 3Page - NXP Semiconductors PCF8563T Datasheet HTML 4Page - NXP Semiconductors PCF8563T Datasheet HTML 5Page - NXP Semiconductors PCF8563T Datasheet HTML 6Page - NXP Semiconductors PCF8563T Datasheet HTML 7Page - NXP Semiconductors PCF8563T Datasheet HTML 8Page - NXP Semiconductors PCF8563T Datasheet HTML 9Page - NXP Semiconductors PCF8563T Datasheet HTML 10Page - NXP Semiconductors PCF8563T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
7 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
Bits TIE and AIE: These bits activate or deactivate the generation of an interrupt when
TF or AF is asserted, respectively. The interrupt is the logical OR of these two conditions
when both AIE and TIE are set.
[1]
TF and INT become active simultaneously.
[2]
n = loaded countdown value. Timer stopped when n = 0.
7.6.3 Time and date registers
Table 5.
Control_status_2 - Control and Status register 2 (address 01h) bit description
Bit
Symbol
Value
Description
7 to 5
0
default value is logic 0
4
TI_TP
0
INT is active when TF is active (subject to the status of TIE)
1
INT pulses active according to Table 6 (subject to the status of
TIE); note that if AF and AIE are active then INT will be
permanently active
3
AF
0 (read)
alarm flag inactive
1 (read)
alarm flag active
0 (write)
alarm flag is cleared
1 (write)
alarm flag remains unchanged
2
TF
0 (read)
timer flag inactive
1 (read)
timer flag active
0 (write)
timer flag is cleared
1 (write)
timer flag remains unchanged
1
AIE
0
alarm interrupt disabled
1
alarm interrupt enabled
0
TIE
0
timer interrupt disabled
1
timer interrupt enabled
Table 6.
INT operation (bit TI_TP = 1)
Source clock (Hz)
INT period (s)[1]
n=1[2]
n>1[2]
4096
1
8192
1
4096
64
1
128
1
64
1
1
64
1
64
1
60
1
64
1
64
Table 7.
VL_seconds - Validity and Seconds register (address 02h) bit description
Bit
Symbol
Value
Description
7
VL
0
clock integrity is guaranteed
1
integrity of the clock information is no longer guaranteed
6 to 0
SECONDS[6:0]
00 to 59
the current seconds, coded in BCD format. Example:
seconds register contains x101 1001 = 59 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com