Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8566T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8566T
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8566T Datasheet HTML 4Page - NXP Semiconductors PCF8566T Datasheet HTML 5Page - NXP Semiconductors PCF8566T Datasheet HTML 6Page - NXP Semiconductors PCF8566T Datasheet HTML 7Page - NXP Semiconductors PCF8566T Datasheet HTML 8Page - NXP Semiconductors PCF8566T Datasheet HTML 9Page - NXP Semiconductors PCF8566T Datasheet HTML 10Page - NXP Semiconductors PCF8566T Datasheet HTML 11Page - NXP Semiconductors PCF8566T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
8 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth.
Multiplex drive modes of 1:3 and 1:4 with 1
⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1
⁄2 bias
a = 2 for 1
⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with the equation
(1)
where VLCD is the resultant voltage at the LCD segment and where the values for n are
n = 1 for static mode
n = 2 for 1:2 multiplex
n = 3 for 1:3 multiplex
n = 4 for 1:4 multiplex
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with the equation:
(2)
Discrimination is the ratio of Von(RMS) to Voff(RMS) and is determined from the equation:
(3)
Using Equation 3, the discrimination for an LCD drive mode of
• 1:3 multiplex with 1
⁄
2 bias is
Table 5.
Preferred LCD drive modes: summary of characteristics
LCD drive mode Number of:
LCD bias
configuration
Backplanes
Bias levels
static
1
2
static
0
1
∞
1:2 multiplex
2
3
1
⁄
2
0.354
0.791
2.236
1:2 multiplex
2
4
1
⁄
3
0.333
0.745
2.236
1:3 multiplex
3
4
1
⁄
3
0.333
0.638
1.915
1:4 multiplex
4
4
1
⁄
3
0.333
0.577
1.732
V
off RMS
()
V
LCD
--------------------------
V
on RMS
()
V
LCD
-------------------------
D
V
on RMS
()
V
off RMS
()
--------------------------
=
1
1a
+
-------------
V
on RMS
()
1
n
---
n
1
–
()
1
1a
+
-------------


×
2
+
n
------------------------------------------------------------
V
LCD
=
V
off RMS
()
a
2
2a
n
+
()
–
n
1a
+
()
2
×
---------------------------------
V
LCD
=
V
on RMS
()
V
off RMS
()
------------------------
a1
+
()
2
n
1
–
()
+
a1
–
()
2
n
1
–
()
+
--------------------------------------------
=
3
1.732
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com