| Electronic Components Datasheet Search |
|
PCF8811 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 21 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver The Y address counter does not auto-increment in the basic command set. The counter stops when a complete bank has been written to. In this case the Y address counter must be set; for Y address, see Table 10. To write the next bank, see Figure 6. When only a part of the RAM is used, both X (Xmax) and Y (Ymax) addresses can be set. The data order in the basic command set is as defined in Figure 6. 8.1.2 Extended command set 8.1.2.1 Horizontal/vertical addressing Two different address modes are possible with the extended command set: horizontal address mode and vertical address mode. In the horizontal address mode (V = 0) the X address increments after each byte. After the last X address, X wraps around to 0 and Y increments to address the next row; see Figure 7. The number of columns (last X address) after which the wrap around must occur can be programmed. In Figure 7 it can be seen that the X address is programmed as 127, and the Y address is programmed as 9. With Xmax and Ymax the X and Y addresses can be programmed while the whole RAM is not being used. In the vertical addressing mode (V = 1) the Y address increments after each byte. After the last Y address (Y = 9), Y wraps around to 0 and X increments to address the next column; see Figure 8. The last Y address, after which Y wraps to 0, can be programmed. In Figure 8 it can be seen that the X address is programmed as 127, and the Y address is programmed as 9. With Xmax and Ymax the X and Y addresses can be programmed while the whole RAM is not being used. After the very last address, the address pointers wrap around to addressX=0andY=0 in both horizontal and vertical addressing modes. Fig 6. Sequence of writing data bytes into the RAM (basic command set) mgw735 0 Y max 0 X max X address Y address LSB MSB LSB MSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |