Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8578H/1 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8578H/1
Description  LCD row/column driver for dot matrix graphic displays
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8578H/1 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8578H/1 Datasheet HTML 26Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 27Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 28Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 29Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 30Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 31Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 32Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 33Page - NXP Semiconductors PCF8578H/1 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
PCF8578_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 5 May 2009
30 of 46
NXP Semiconductors
PCF8578
LCD row/column driver for dot matrix graphic displays
11. Dynamic characteristics
Table 18.
Dynamic characteristics
All timing values are referenced to VIH and VIL levels with an input voltage swing of VSS to VDD.VDD = 2.5 V to 6 V; VSS =0V;
VLCD =VDD − 3.5 V to VDD − 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
at multiplex rate 1:8, 1:16
and 1:32;
Rext(OSC) = 330 kΩ;
VDD =6V
1.2
2.1
3.3
kHz
at multiplex rate 1:24;
Rext(OSC) = 330 kΩ;
VDD =6V
0.9
1.6
2.5
kHz
tPD(SYNC_N) SYNC propagation delay
-
-
500
ns
tPD(drv)
driver propagation delay
VDD − VLCD =9V;
with test load of 45 pF
-
-
100
µs
I2C-bus
fSCL
SCL clock frequency
-
-
100
kHz
tw(spike)
spike pulse width
-
-
100
ns
tBUF
bus free time between a STOP
and START condition
4.7
-
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
-
µs
tHD;STA
hold time (repeated) START
condition
4.0
4.0
-
µs
tLOW
LOW period of the SCL clock
4.7
-
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
-
µs
tr
rise time of both SDA and SCL
signals
--1
µs
tf
fall time of both SDA and SCL
signals
-
-
0.3
µs
tSU;DAT
data set-up time
250
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
4.0
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com