| Electronic Components Datasheet Search |
|
miniSMDC110F Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
miniSMDC110F Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 16 page ![]() Maximum Ambient Temperature Part Number -40°C -20°C 0°C 20°C 25°C 40°C 50°C 60°C 70°C 80°C 85°C 125°C picoSMD Series Size 2012 mm/0805 mils picoSMD035F 0.58 0.51 0.44 0.35 0.32 0.31 0.28 0.24 0.21 0.18 0.16 - nanoSMDC Series Size 3216 mm/1206 mils nanoSMDC012F 0.20 0.17 0.15 0.13 0.12 0.11 0.10 0.09 0.08 0.07 0.07 - nanoSMDC016F 0.21 0.20 0.18 0.16 0.16 0.14 0.13 0.12 0.11 0.10 0.09 - nanoSMDC020F 0.34 0.30 0.26 0.22 0.20 0.17 0.15 0.13 0.11 0.09 0.08 - nanoSMDC035F 0.58 0.51 0.44 0.38 0.35 0.31 0.28 0.24 0.21 0.18 0.16 - nanoSMDC050F/13.2 0.78 0.69 0.61 0.52 0.50 0.44 0.39 0.35 0.30 0.25 0.24 - nanoSMDC075F 1.15 1.04 0.92 0.78 0.75 0.69 0.63 0.58 0.51 0.46 0.43 - nanoSMDC110F 1.64 1.46 1.30 1.10 1.06 0.92 0.83 0.80 0.65 0.56 0.52 - nanoSMDC150F 2.20 1.99 1.77 1.55 1.50 1.34 1.23 1.10 1.01 0.90 0.84 - nanoSMDC200F* 3.56 3.08 2.60 2.12 2.00 1.79 1.64 1.50 1.36 1.21 1.14 - * Data is preliminary 133 15 RoHS Compliant, ELV Compliant picoSMD nanoSMD microSMD miniSMD midSMD SMD SMD2 miniSMDE decaSMD Size mm (mils) 2012 (0805) 3216 (1206) 3225 (1210) 4532 (1812) 5050 (2018) 7555 (2920) 8763 (3425) 11550 (4420) 5050 (2018) Hold Current (A) -- - - - - - - - 0.050 -- 30VDC/50Ω -- - - - - 0.100 -- 30VDC/15Ω -- - - - - 0.120 - 48VDC/6.50Ω -- - - - - - 0.140 -- - 60VDC/6.00Ω -- - - - 0.160 - 48VDC/5.00Ω -- - - - - - 0.200 - 24VDC/3.10Ω - 30VDC/3.30Ω -- - - - 0.300 -- - - 60VDC/2.30Ω 60VDC/4.80Ω -- - 0.350 6VDC/1.40Ω 16VDC/1.35Ω 6VDC/1.30Ω -- - - - - 0.500 - 13.2VDC/0.75Ω 13.2VDC/0.90Ω 24VDC/1.00Ω - 60VDC/1.40Ω -- 60VDC/1.10Ω 0.750 -6VDC/0.30Ω 6VDC/0.40Ω 13.2VDC/0.45Ω - 30VDC/1.00Ω -- - -- - 24VDC/0.29Ω - 60VDC/1.00Ω -- - 1.000 -- - - 15VDC/0.40Ω 30VDC/0.48Ω -- - -- - - - 33VDC/0.41Ω -- - 1.100 -6VDC/0.20Ω 6VDC/0.21Ω 8VDC/0.21Ω -- - - - -- - 16VDC/0.18Ω -- - - - - -- 24VDC/0.18Ω -- - - - 1.200 -- - - - 16VDC/0.34Ω -- - 1.250 -- - 6VDC/0.14Ω - 15VDC/0.25Ω -- - -- - 16VDC/0.14Ω -- - - - 1.500 -6VDC/0.11Ω 6VDC/0.11Ω 6VDC/0.11Ω 15VDC/0.18Ω - 15VDC/0.25Ω -- -- - 12VDC/0.11Ω -- 33VDC/0.23Ω -- -- - 16VDC/0.11Ω -- - - - -- - 24VDC/0.12Ω -- - - - 1.600 -- - 9VDC/0.10Ω -- 16VDC/0.15Ω -- 1.750 -- 6VDC/0.08Ω -- - - - - 1.850 -- - - - - 33VDC/0.165Ω -- 1.900 -- - - - - - 16VDC/0.08Ω - 2.000 -6VDC/0.07Ω* 6VDC/0.06Ω 8VDC/0.07Ω 6VDC/0.10Ω - 15VDC/0.125Ω -- 2.500 -- - - - - 15VDC/0.85Ω -- 2.600 -- - 6VDC/0.043Ω -6VDC/0.075Ω -- - -- - 12VDC/0.047Ω -- - - - -- - 13.2VDC/0.050Ω -- - - - -- - 16VDC/0.050Ω -- - - - 3.000 -- - - - 6VDC/0.048Ω -- - Product Series: Size, Current Rating, Voltage Rating/Maximum Resistance for Surface-mount Devices Table S1 Thermal Derating for Surface-mount Devices [Hold Current (A) at Ambient Temperature (°C)] Table S2 coming soon |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |