Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA115TS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PDTA115TS
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA115TS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PDTA115TS Datasheet HTML 9Page - NXP Semiconductors PDTA115TS Datasheet HTML 10Page - NXP Semiconductors PDTA115TS Datasheet HTML 11Page - NXP Semiconductors PDTA115TS Datasheet HTML 12Page - NXP Semiconductors PDTA115TS Datasheet HTML 13Page - NXP Semiconductors PDTA115TS Datasheet HTML 14Page - NXP Semiconductors PDTA115TS Datasheet HTML 15Page - NXP Semiconductors PDTA115TS Datasheet HTML 16Page - NXP Semiconductors PDTA115TS Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PDTA115T_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
14 of 17
NXP Semiconductors
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTA115TE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTA115TK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTA115TM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTA115TS
SOT54
bulk, straight leads
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-116
SOT54A
tape ammopack, wide patch
-
-
-126
SOT54 variant
bulk, delta pinning
-
-112
-
PDTA115TT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTA115TU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com