Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L73 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42L73
Description  Ultra Low Power Mobile Audio and Telephony CODEC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L73 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L73 Datasheet HTML 1Page - Cirrus Logic CS42L73 Datasheet HTML 2Page - Cirrus Logic CS42L73 Datasheet HTML 3Page - Cirrus Logic CS42L73 Datasheet HTML 4Page - Cirrus Logic CS42L73 Datasheet HTML 5Page - Cirrus Logic CS42L73 Datasheet HTML 6Page - Cirrus Logic CS42L73 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CS42L73
Stereo Analog to Digital Features
91 dB Dynamic Range (A-wtd)
-85 dB THD+N
Independent ADC Channel Control
2:1 Stereo Analog Input MUX
Stereo Line Input
–
Shared Pseudo-differential Reference Input
Dual Analog MIC Inputs
–
Pseudo-diff. or Single-ended
–
Two, Independent, Programmable, Low-
noise, MIC Bias Outputs
–
MIC Short Detect to Support Headset Button
Analog Programmable Gain Amplifier (PGA)
(+12 to -6 dB in 0.5 dB steps)
+10 dB or +20 dB Analog MIC Boost in Addition
to PGA Gain Settings
Programmable Automatic Level Control (ALC)
–
Noise Gate for Noise Suppression
–
Progr. Threshold & Attack/Release Rates
Dual Digital Microphone Interface
Programable Clock Rate
– Integer Divide by 2 or 4 of Internal MCLK
Stereo DAC to Headphone Amplifier
94 dB Dynamic Range (A-wtd)
-81 dB THD+N into 32
Integrated Step-down/Inverting Charge Pump
Class H Amplifier - Automatic Supply Adj.
–
High Efficiency
–Low EMI
Pseudo-differential Ground-centered Outputs
High HP Power Output at -70/-81 dB THD+N
–
2 x 17/8.5 mW into 16/32
@ 1.8 V
Pop and Click Suppression
Analog Vol. Ctl. (+12 to -50 dB in 1 dB steps; to
-76 dB in 2 dB steps) with Zero-cross Trans.
Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps)
with Soft-ramp Transitions
Programmable Peak-detect and Limiter
Stereo DAC to Line Outputs
97 dB Dynamic Range (A-wtd)
-86 dB THD+N
Class-H Amplifier
Pseudo-differential Ground-centered Outputs
1 VRMS Line Output @ 1.8 V
Pop and Click Suppression
Analog Vol. Ctl. (+12 to -50 dB in 1 dB steps; to
-76 dB in 2 dB steps) with Zero-cross Trans.
Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps)
with Soft-ramp Transitions
Programmable Peak-detect and Limiter
Mono DAC to Ear Speaker Amplifier
High Power Output at -70 dB (0.032%) THD+N
–
45 mW into 16
 @ 1.8 V
Pop and Click Suppression
Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps)
with Soft-ramp Transitions
Programmable Peak-detect and Limiter
Mono DAC to Speakerphone Amplifier
High Output Power at
1% THD+N
–
1.18/0.84/0.66 W into 8
 @ 5.0/4.2/3.7 V
Direct Battery-powered Operation
Pop and Click Suppression
Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps)
with Soft-ramp Transitions
Programmable Peak-detect and Limiter
Mono DAC to Speakerph. Line Output
84 dB Dynamic Range (A-wtd)
-75 dB THD+N
High Voltage (1.53 VRMS @ VA = 1.8 V, VP =
3.7 V) Line Output to Ensure Maximum Output
from a Wide Variety of External Amplifiers
Pop and Click Suppression
Digital Vol. Ctl. (+12 to -102 dB in 0.5 dB steps)
with Soft-ramp Transitions
Programmable Peak-detect and Limiter
Serial Ports
Three Independent Serial Ports: Auxiliary,
Audio, and Voice
8.00, 11.025, 12.00, 16.00, 22.05, 24.00,
32.00, 44.10, and 48.00 kHz Sample Rates
All Ports Support Master or Slave Operation
with I²S Interface
Auxiliary and Voice Ports Support Slave
Operation with PCM Interface
Auxiliary and Audio Ports are Stereo-
Input/Stereo-Output to/from Digital Mixer
Voice Port is Mono-Input/Stereo-Output to/from
Digital Mixer
Integrated Asynch. Sample Rate Converters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com