Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD030F Datasheet(PDF) 6 Page - Tyco Electronics

Part # SMD030F
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD030F Datasheet(HTML) 6 Page - Tyco Electronics

Back Button SMD030F Datasheet HTML 2Page - Tyco Electronics SMD030F Datasheet HTML 3Page - Tyco Electronics SMD030F Datasheet HTML 4Page - Tyco Electronics SMD030F Datasheet HTML 5Page - Tyco Electronics SMD030F Datasheet HTML 6Page - Tyco Electronics SMD030F Datasheet HTML 7Page - Tyco Electronics SMD030F Datasheet HTML 8Page - Tyco Electronics SMD030F Datasheet HTML 9Page - Tyco Electronics SMD030F Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
136
15
RoHS Compliant, ELV Compliant
Electrical Characteristics for Surface-mount Devices at Room Temperature
... Cont’d
Table S3
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC200F
2.00
4.00
8
100
1.00
8.00
5.00
0.020
0.070
S2
miniSMDC200S
2.00
4.00
8
100
1.00
8.00
5.00
0.020
0.060
S2
miniSMDC260F
2.60
5.00
6
100
1.00
8.00
5.00
0.015
0.043
S2
miniSMDC260F/12
2.60
5.00
12
100
1.00
8.00
5.00
0.015
0.047
S2
miniSMDC260F/13.2
2.60
5.00
13.2
100
1.20
8.00
5.00
0.015
0.050
S2
miniSMDC260F/16
2.60
5.00
16
100
1.20
8.00
5.00
0.015
0.050
S2
miniSMDE Series
Size 11550 mm/4420 mils
miniSMDE190F
1.90
3.80
16
100
1.50
10.00
2.00
0.024
0.08
S2
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
0.30
0.80
60
20
1.50
1.50
1.50
0.500
2.30
S4
decaSMDC050F/60
0.55
1.10
60
10
1.00
8.00
0.10
0.400
1.10
S2
SMD100F-2018
1.10
2.20
15
40
1.40
8.00
0.50
0.100
0.40
S4
SMD150F-2018
1.50
3.00
15
40
1.80
8.00
1.00
0.070
0.18
S4
SMD200F-2018
2.00
4.20
6
40
1.50
8.00
3.00
0.048
0.10
S4
SMD Series
Size 7555 mm/2920 mils
SMD030F
0.30
0.60
60
10
1.70
1.50
3.00
1.200
4.800
S5
SMD050F
0.50
1.00
60
10
1.70
2.50
4.00
0.350
1.400
S5
SMD075F
0.75
1.50
30
40
1.70
8.00
0.30
0.350
1.000
S5
SMD075F/60
0.75
1.50
60
10
1.70
8.00
0.30
0.350
1.000
S5
SMD100F
1.10
2.20
30
40
1.70
8.00
0.50
0.120
0.480
S5
SMD100F/33
1.10
2.20
33
40
1.70
8.00
0.50
0.120
0.410
S5
SMDH120
1.20
2.30
16
50
2.00
8.00
2.00
0.150
0.340
S5
SMD125F
1.25
2.50
15
40
1.70
8.00
2.00
0.070
0.250
S5
SMD260F
2.60
5.20
6
40
1.70
8.00
20.00
0.025
0.075
S5
SMD300F
3.00
6.00
6
40
1.50
8.00
35.00
0.015
0.048
S5
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
1.50
3.00
15
40
1.90
8.00
5.00
0.060
0.250
S5
SMD150F/33
1.50
3.00
33
40
1.90
8.00
5.00
0.080
0.230
S5
SMDH160
1.60
3.20
16
70
2.20
8.00
15.00
0.050
0.150
S5
SMD185F
1.85
3.60
33
40
1.50
8.00
5.00
0.065
0.165
S5
SMD200F
2.00
4.00
15
40
1.90
8.00
12.00
0.050
0.125
S5
SMD250F
2.50
5.00
15
40
1.90
8.00
25.00
0.035
0.085
S5
Part Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PD MAX
(W)
Max. Time-to-Trip
(A)
(S)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
Dimension Figures for Surface-mount Devices
Figure S2-S6
C
A
B
E
D
Figure S2
C
AB
E
D
Figure S3
B
H
C
F
G
A
D
E
Figure S5
C
AB
DD
Figure S6
B
F
A
D
E
C
Figure S4
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com