Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD075F/60 Datasheet(PDF) 7 Page - Tyco Electronics

Part # SMD075F/60
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD075F/60 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button SMD075F/60 Datasheet HTML 3Page - Tyco Electronics SMD075F/60 Datasheet HTML 4Page - Tyco Electronics SMD075F/60 Datasheet HTML 5Page - Tyco Electronics SMD075F/60 Datasheet HTML 6Page - Tyco Electronics SMD075F/60 Datasheet HTML 7Page - Tyco Electronics SMD075F/60 Datasheet HTML 8Page - Tyco Electronics SMD075F/60 Datasheet HTML 9Page - Tyco Electronics SMD075F/60 Datasheet HTML 10Page - Tyco Electronics SMD075F/60 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
137
15
RoHS Compliant, ELV Compliant
Dimensions for Surface-mount Devices in Millimeters (Inches)
Table S4
picoSMD Series
Size 2012 mm/0805 mils
picoSMD035F
1.80
2.21
0.38
0.81
1.17
1.45
0.15
0.60
--
-
-
-
-
-
S6
(0.071) (0.087) (0.015) (0.032)
(0.046) (0.057)
(0.006) (0.024)
--
-
-
-
-
-
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134) (0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC016F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC020F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC035F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC050F/13.2 3.00
3.40
0.50
0.74
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.019) (0.029)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC075F
3.00
3.40
0.44
0.68
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.017) (0.027)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC110F
3.00
3.40
0.28
0.67
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.011) (0.026)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC150F
3.00
3.40
0.55
0.89
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.022) (0.035)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
nanoSMDC200F*
3.00
3.40
0.68
1.25
1.37
1.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.134)
(0.027) (0.049)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S3
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD010F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD035F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD050F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD075F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD110F
3.0
3.43
0.28
0.48
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.011) (0.019)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD150F
3.0
3.43
0.51
1.22
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.020) (0.048)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD175F
3.0
3.43
0.40
0.76
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.016) (0.030)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
microSMD200F
3.0
3.43
0.79
1.17
2.35
2.80
0.25
0.75
0.076
--
-
-
-
-
S2
(0.118) (0.135)
(0.031) (0.046)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
--
-
-
-
-
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC014F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.025) (0.035)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC020F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
S2
(0.172) (0.186)
(0.025) (0.035)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC050F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
S2
(0.172) (0.186)
(0.015) (0.025)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC075F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
S2
(0.172) (0.186)
(0.015) (0.025)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC075F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.032) (0.057)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC100F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.015) (0.025)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC110F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.015) (0.025)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC110F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC110F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.032) (0.057)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
* Data is preliminary
coming
soon
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com