Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD150F/33 Datasheet(PDF) 9 Page - Tyco Electronics

Part # SMD150F/33
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD150F/33 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button SMD150F/33 Datasheet HTML 5Page - Tyco Electronics SMD150F/33 Datasheet HTML 6Page - Tyco Electronics SMD150F/33 Datasheet HTML 7Page - Tyco Electronics SMD150F/33 Datasheet HTML 8Page - Tyco Electronics SMD150F/33 Datasheet HTML 9Page - Tyco Electronics SMD150F/33 Datasheet HTML 10Page - Tyco Electronics SMD150F/33 Datasheet HTML 11Page - Tyco Electronics SMD150F/33 Datasheet HTML 12Page - Tyco Electronics SMD150F/33 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
139
15
RoHS Compliant, ELV Compliant
Typical Time-to-trip Curves at 20°C for Surface-mount Devices
Figure S7-S13
Fault Current (A)
10
1
0.1
0.01
0.001
0.1
1
100
10
A
A
B
B
C
D
D
E
E
F
F
G
G
H
H
Figure S8
nanoSMDCxxxF
A=
nanoSMDC012F
B=
nanoSMDC016F
C=
nanoSMDC020F
D=
nanoSMDC035F
E=
nanoSMDC050F/13.2
F=
nanoSMDC075F
G=
nanoSMDC110F
H=
nanoSMDC150F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
100
10
A
A
Figure S7
picoSMDxxxF
A =
picoSMD035F
Dimensions for Surface-mount Devices in Millimeters (Inches)
... Cont’d
Table S4
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
SMD150F/33
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
SMDH160
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
SMD185F
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
SMD200F
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
SMD250F
8.00
9.40
-
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S5
(0.315) (0.370)
-
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
-
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com