Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICOSMDC035S Datasheet(PDF) 19 Page - Tyco Electronics

Part # PICOSMDC035S
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PICOSMDC035S Datasheet(HTML) 19 Page - Tyco Electronics

Back Button PICOSMDC035S Datasheet HTML 12Page - Tyco Electronics PICOSMDC035S Datasheet HTML 13Page - Tyco Electronics PICOSMDC035S Datasheet HTML 14Page - Tyco Electronics PICOSMDC035S Datasheet HTML 15Page - Tyco Electronics PICOSMDC035S Datasheet HTML 16Page - Tyco Electronics PICOSMDC035S Datasheet HTML 17Page - Tyco Electronics PICOSMDC035S Datasheet HTML 18Page - Tyco Electronics PICOSMDC035S Datasheet HTML 19Page - Tyco Electronics PICOSMDC035S Datasheet HTML 20Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
109
RoHS Compliant, ELV Compliant
HF Halogen Free
10
P
0
E
1
E
2
F
W
P
2
D
0
A
0
B
0
P
1
B
1
T
1
K
0
T
Cover tape
Embossment
Center lines
of cavity
Part Numbering System for Surface-mount Devices
SMD 150 F /33 -RB -2
Packaging
2 = Tape and Reel
Rx = Resistance Range (Limited part number availability)
Alternative Voltage Rating (If applicable)
Lead Free
Hold Current Indicator
Product Series
A
Cover tape
Embossed cavity
Carrier tape
N (hub dia.)
W
2 (measured at hub)
W
1 (measured at hub)
Warning :
• Users should independently evaluate the suitability of and test each product selected for their own application.
• Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame.
• These devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should
not be used when repeated fault conditions or prolonged trip events are anticipated.
• Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices.
• Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, and
mechanical procedures for electronic components.
• PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are inhibited,
for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion.
• Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of the device.
Figure S18 EIA Referenced Taped Component Dimensions for Surface-mount Devices
Figure S19 EIA Referenced Reel Dimensions for Surface-mount Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com