Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP340F Datasheet(PDF) 3 Page - Tyco Electronics

Part # LTP340F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP340F Datasheet(HTML) 3 Page - Tyco Electronics

  LTP340F Datasheet HTML 1Page - Tyco Electronics LTP340F Datasheet HTML 2Page - Tyco Electronics LTP340F Datasheet HTML 3Page - Tyco Electronics LTP340F Datasheet HTML 4Page - Tyco Electronics LTP340F Datasheet HTML 5Page - Tyco Electronics LTP340F Datasheet HTML 6Page - Tyco Electronics LTP340F Datasheet HTML 7Page - Tyco Electronics LTP340F Datasheet HTML 8Page - Tyco Electronics LTP340F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
173
RoHS Compliant, ELV Compliant
10
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
Part Number
Amps
85°C Typical Activation
VLR*
VLR170F
3.5
2.9
2.4
1.84
1.70
1.2
1.0
0.7
0.3
——
VLR170LF
3.5
2.9
2.4
1.84
1.70
1.2
1.0
0.7
0.3
——
VLR170UF
3.5
2.9
2.4
1.84
1.70
1.2
1.0
0.7
0.3
——
VLR175F
3.5
2.9
2.4
1.87
1.75
1.3
1.0
0.8
0.3
——
VLR175LF
3.5
2.9
2.4
1.87
1.75
1.3
1.0
0.8
0.3
——
VLR175UF
3.5
2.9
2.4
1.87
1.75
1.3
1.0
0.8
0.3
——
VLR230F
5.0
4.2
3.4
2.52
2.30
1.7
1.3
0.9
0.4
——
90°C Typical Activation
VLP*
VLP210F
4.3
3.6
2.9
2.31
2.10
1.6
1.3
1.0
0.6
0.3
0.1
VLP220F
4.5
3.8
3.0
2.45
2.20
1.7
1.4
1.1
0.7
0.3
0.1
VLP270F
5.6
4.7
4.0
3.05
2.70
2.2
1.7
1.4
0.9
0.4
0.1
VTP*
VTP110F
2.0
1.7
1.4
1.12
1.10
0.85
0.75
0.7
0.4
0.2
0.1
VTP170F
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP170SSF
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP170XF
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP170XSF
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP175F
3.2
2.7
2.2
1.84
1.75
1.3
1.0
0.8
0.5
0.3
0.1
VTP175LF
3.2
2.7
2.2
1.84
1.75
1.3
1.0
0.8
0.5
0.3
0.1
VTP175UF
3.2
2.7
2.2
1.84
1.75
1.3
1.0
0.8
0.5
0.3
0.1
VTP210GF
4.1
3.5
2.9
2.26
2.10
1.6
1.3
1.0
0.7
0.4
0.1
VTP210SF
4.1
3.5
2.9
2.26
2.10
1.6
1.3
1.0
0.7
0.4
0.1
VTP210SLF
4.1
3.5
2.9
2.26
2.10
1.6
1.3
1.0
0.7
0.4
0.1
110°C Typical Activation
LTP
LTP070F
1.1
1.0
0.8
0.7
0.65
0.5
0.4
0.3
0.2
0.2
0.1
LTP100SF
1.8
1.6
1.4
1.0
0.99
0.8
0.7
0.6
0.4
0.3
0.2
LTP180LF
3.1
2.6
2.2
1.8
1.67
1.3
1.1
0.9
0.6
0.4
0.3
LTP190F
3.3
2.8
2.4
1.9
1.79
1.4
1.2
1.1
0.7
0.5
0.4
LTP260F
4.3
3.7
3.1
2.6
2.42
1.9
1.6
1.4
1.1
0.8
0.6
LTP340F
5.5
4.7
4.0
3.4
3.17
2.6
2.2
1.9
1.5
1.1
0.9
miniSMDE
miniSMDE190F
3.16
2.74
2.2
1.9
1.74
1.48
1.27
1.10
0.80
0.50
0.35
120°C Typical Activation
MXP*
MXP190BB
——
2.6
—
1.90
——
0.85
—
——
125°C Typical Activation
LR4
LR4-190F
2.8
2.5
2.3
1.9
1.86
1.6
1.5
1.4
1.2
1.1
1.0
LR4-260F
3.8
3.4
3.1
2.6
2.54
2.2
2.0
1.9
1.7
1.4
1.3
LR4-260SF
3.8
3.4
3.1
2.6
2.54
2.2
2.0
1.9
1.7
1.4
1.3
LR4-380F
5.4
4.9
4.4
3.8
3.64
3.3
3.0
2.8
2.5
2.3
2.1
LR4-380XF
5.4
4.9
4.4
3.8
3.64
3.3
3.0
2.8
2.5
2.3
2.1
LR4-450F
6.5
5.8
5.3
4.5
4.38
3.9
3.6
3.3
2.9
2.6
2.4
LR4-550F
7.6
6.9
6.2
5.5
5.32
4.7
4.3
4.0
3.6
3.2
3.0
LR4-600F
8.7
7.8
7.1
6.0
5.86
5.2
4.7
4.4
3.9
3.4
3.2
LR4-600XF
8.7
7.8
7.1
6.0
5.86
5.2
4.7
4.4
3.9
3.4
3.2
LR4-730F
10.5
9.5
8.6
7.3
7.13
6.3
5.7
5.4
4.7
4.2
4.0
LR4-900F
12.7
11.4
10.0
9.0
8.50
7.5
6.8
6.2
5.5
4.9
4.5
LR4-1300SSF
17.9
16.2
14.5
13.0
12.40
11.1
10.3
9.5
8.6
7.7
7.2
* Product electrical characteristics determined at 25°C.
Table B2
Thermal Derating for Strap Battery Devices
[Hold Current (A) at Ambient Temperature (°C)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com