Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUSBF135-AP Datasheet(PDF) 8 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 8 Page - Tyco Electronics

Back Button RUSBF135-AP Datasheet HTML 4Page - Tyco Electronics RUSBF135-AP Datasheet HTML 5Page - Tyco Electronics RUSBF135-AP Datasheet HTML 6Page - Tyco Electronics RUSBF135-AP Datasheet HTML 7Page - Tyco Electronics RUSBF135-AP Datasheet HTML 8Page - Tyco Electronics RUSBF135-AP Datasheet HTML 9Page - Tyco Electronics RUSBF135-AP Datasheet HTML 10Page - Tyco Electronics RUSBF135-AP Datasheet HTML 11Page - Tyco Electronics RUSBF135-AP Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
118
RoHS Compliant, ELV Compliant
10
RKEF
60V
RKEF160
1.60
3.20
60
40
2.40
8.20
9.0
0.100
0.200
0.320
[0.520mm2 (20)]
RKEF185
1.85
3.70
60
40
2.60
9.25
12.6
0.060
0.152
0.250
[0.520mm2 (20)]
RKEF250
2.50
5.00
60
40
2.80
12.50
15.6
0.040
0.085
0.140
[0.520mm2 (20)]
RKEF300
3.00
6.00
60
40
3.20
15.00
19.8
0.030
0.050
0.080
[0.520mm2 (20)]
RKEF375
3.75
7.50
60
40
3.40
18.75
22.0
0.017
0.040
0.060
[0.520mm2 (20)]
RKEF400
4.00
8.00
60
40
3.70
20.00
24.0
0.014
0.038
0.060
[0.520mm2 (20)]
RKEF500
5.00
10.00
60
40
5.00
25.00
28.0
0.012
0.030
0.050
[0.520mm2 (20])
RTEF
33V
RTEF120
1.20
2.30
33
40
0.78
6.00
3.5
0.074
0.120
0.180
[0.205mm2 (24)]
RTEF135
1.35
2.50
33
40
0.84
6.75
4.5
0.059
0.100
0.143
[0.205mm2 (24)]
RTEF190
1.90
3.00
33
40
0.90
9.50
3.5
0.045
0.063
0.092
[0.205mm2 (24)]
RUEF
30V
RUEF090
0.90
1.80
30
100
0.60
4.50
5.9
0.070
0.120
0.22
[0.205mm2 (24)]
RUEF110
1.10
2.20
30
100
0.70
5.50
6.6
0.070
0.100
0.17
[0.205mm2 (24)]
RUEF135
1.35
2.70
30
100
0.80
6.75
7.3
0.040
0.080
0.13
[0.205mm2 (24)]
RUEF160
1.60
3.20
30
100
0.90
8.00
8.0
0.030
0.070
0.11
[0.205mm2 (24)]
RUEF185
1.85
3.70
30
100
1.00
9.25
8.7
0.030
0.060
0.09
[0.205mm2 (24)]
RUEF250
2.50
5.00
30
100
1.20
12.50
10.3
0.020
0.040
0.07
[0.205mm2 (24)]
RUEF300
3.00
6.00
30
100
2.00
15.00
10.8
0.020
0.050
0.08
[0.520mm2 (20)]
RUEF400
4.00
8.00
30
100
2.50
20.00
12.7
0.010
0.030
0.05
[0.520mm2 (20)]
RUEF500
5.00
10.00
30
100
3.00
25.00
14.5
0.010
0.030
0.05
[0.520mm2 (20)]
RUEF600
6.00
12.00
30
100
3.50
30.00
16.0
0.005
0.020
0.04
[0.520mm2 (20)]
RUEF700
7.00
14.00
30
100
3.80
35.00
17.5
0.005
0.020
0.03
[0.520mm2 (20)]
RUEF800
8.00
16.00
30
100
4.00
40.00
18.8
0.005
0.013
0.02
[0.520mm2 (20)]
RUEF900
9.00
18.00
30
100
4.20
45.00
20.0
0.005
0.010
0.02
[0.520mm2 (20)]
RHEF*
30V - High Temperature
RHEF050
0.5
0.9
30
40
0.9
2.5
2.5
0.480
0.780
1.10
[0.205mm2 (24)]
RHEF070
0.7
1.4
30
40
1.4
3.5
3.2
0.300
0.540
0.80
[0.205mm2 (24)]
RHEF100
1.0
1.8
30
40
1.4
5.0
5.2
0.180
0.300
0.43
[0.205mm2 (24)]
RUSBF
16V
RUSBF090
0.90
1.8
16
40
0.6
8.0
1.2
0.070
0.120
0.180
[0.205mm2 (24)]
RUSBF110
1.10
2.2
16
40
0.7
8.0
2.3
0.050
0.095
0.140
[0.205mm2 (24)]
RUSBF135
1.35
2.7
16
40
0.8
8.0
4.5
0.040
0.074
0.112
[0.205mm2 (24)]
RUSBF160
1.60
3.2
16
40
0.9
8.0
9.0
0.030
0.061
0.110
[0.205mm2 (24)]
RUSBF185
1.85
3.7
16
40
1.0
8.0
10.0
0.030
0.051
0.090
[0.205mm2 (24)]
RUSBF250
2.50
5.0
16
40
1.2
8.0
40.0
0.020
0.036
0.060
[0.205mm2 (24)]
RGEF*
16V
RGEF250
2.5
4.7
16
100
1.0
12.5
5.0
0.0220
0.0350
0.0530
[0.205mm2 (24)]
RGEF300
3.0
5.1
16
100
2.3
15.0
1.0
0.0380
0.0645
0.0975
[0.520mm2 (20)]
RGEF400
4.0
6.8
16
100
2.4
20.0
1.7
0.0210
0.0390
0.0600
[0.520mm2 (20)]
RGEF500
5.0
8.5
16
100
2.6
25.0
2.0
0.0150
0.0240
0.0340
[0.520mm2 (20)]
RGEF600
6.0
10.2
16
100
2.8
30.0
3.3
0.0100
0.0190
0.0280
[0.520mm2 (20)]
RGEF700
7.0
11.9
16
100
3.0
35.0
3.5
0.0077
0.0131
0.0200
[0.520mm2 (20)]
RGEF800
8.0
13.6
16
100
3.0
40.0
5.0
0.0056
0.0110
0.0175
[0.520mm2 (20)]
RGEF900
9.0
15.3
16
100
3.3
45.0
5.5
0.0047
0.0091
0.0135
[0.520mm2 (20)]
RGEF1000
10.0
17.0
16
100
3.6
50.0
6.0
0.0040
0.0070
0.0102
[0.520mm2 (20)]
RGEF1100
11.0
18.7
16
100
3.7
55.0
7.0
0.0037
0.0060
0.0089
[0.520mm2 (20)]
RGEF1200
12.0
20.4
16
100
4.2
60.0
7.5
0.0033
0.0057
0.0086
[0.823mm2 (18)]
RGEF1400
14.0
23.8
16
100
4.6
70.0
9.0
0.0026
0.0043
0.0064
[0.823mm2 (18)]
Part
Number
I
H
(A)
I
T
(A)
V
MAX
(V)
I
MAX
(A)
P
D Typ
(W)
R
MIN
(
Ω)
R
1MAX
(
Ω)
Lead Size
[mm2 (AWG)]
R
MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Table R3 Electrical Characteristics for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com