Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUSBF185-2 Datasheet(PDF) 18 Page - Tyco Electronics

Part # RUSBF185-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF185-2 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button RUSBF185-2 Datasheet HTML 14Page - Tyco Electronics RUSBF185-2 Datasheet HTML 15Page - Tyco Electronics RUSBF185-2 Datasheet HTML 16Page - Tyco Electronics RUSBF185-2 Datasheet HTML 17Page - Tyco Electronics RUSBF185-2 Datasheet HTML 18Page - Tyco Electronics RUSBF185-2 Datasheet HTML 19Page - Tyco Electronics RUSBF185-2 Datasheet HTML 20Page - Tyco Electronics RUSBF185-2 Datasheet HTML 21Page - Tyco Electronics RUSBF185-2 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
128
RoHS Compliant, ELV Compliant
10
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
RUSBF
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Lead material
RGEF300 to RGEF1100 : Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm/0.032in.
RGEF1200 to RGEF1400 : Tin-plated copper, 0.82mm2 (18AWG), ø1.0mm/0.04in.
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
RGEF300 and RGEF400: per IEC 68-2-20, Test Tb, Method 1a, condition a;
can withstand 5 seconds at 260°C ±5°C
RGEF500 to RGEF1400: per IEC 68-2-20, Test Tb, Method 1a, condition b;
can withstand 10 seconds at 260°C ±5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~85°C
Note: Devices are not designed to be placed through a reflow process.
RGEF
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal shock
125°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Lead material
RHEF050 to RHEF200
: Tin-plated copper clad steel, 0.205mm2 (24AWG), ø0.51mm/0.020in.
RHEF300 to RHEF1100 : Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm/0.032in.
RHEF1300 to RHEF1500 : Tin-plated copper, 0.82mm2 (18AWG), ø1.0mm/0.04in.
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
per IEC 68-2-20, Test Tb, Method 1A, Condition B; can withstand 10 seconds at 260°C ±5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~125°C
Note: Devices are not designed to be placed through a reflow process.
RHEF
Physical Characteristics
Environmental Specifications
Storage Conditions for Radial-leaded Devices
Storage conditions
40°C max., 70% RH max.; devices should remain in original sealed bags prior to use.
Devices may not meet specificed values if these storage conditions are exceeded.
Note: For the TR devices series, see the telecommunications and networking devices section.
Table R5 Physical Characteristics and Environmental Specifications for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com